Electronic Components Datasheet Search
  English  ▼

X  

TMP110 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMP110
Description  TMP113 Ultra-Small, 1.4V to 5.5V Supply, ±0.3°C Accurate, I2C Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP110 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMP110 Datasheet HTML 24Page - Texas Instruments TMP110 Datasheet HTML 25Page - Texas Instruments TMP110 Datasheet HTML 26Page - Texas Instruments TMP110 Datasheet HTML 27Page - Texas Instruments TMP110 Datasheet HTML 28Page - Texas Instruments TMP110 Datasheet HTML 29Page - Texas Instruments TMP110 Datasheet HTML 30Page - Texas Instruments TMP110 Datasheet HTML 31Page - Texas Instruments TMP110 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TMP113 can be operated with a two-wire I2C or SMBus compatible interface and features the ability to
operate with a 1.4V to 5.5V bus voltage. The TMP113 features a uniquely small size of 1.5mm × 1mm with a
0.525mm z-height.
9.2 Equal I2C Pullup and Supply Application
I
2C
Controller
SCL
SDA
5k
5k
V+ =1.4V to 5.5V
5k
ALERT
SCL
V+
GND
ADD0
SDA
ALERT
V+
Temperature
Source
GND
10nF
Figure 9-1. Equal I2C Pullup and Supply Voltage Application
9.2.1 Design Requirements
For this design example, use the parameters listed below.
Table 9-1. Design Parameters
PARAMETER
VALUE
Supply (V+)
1.4V to 5.5V
SDA, SCL VPULLUP
≥ V+
SDA, SCL RPULLUP
≥ 5kΩ
ALERT RPULLUP
≥ 5kΩ (20kΩ is preferred)
9.2.2 Detailed Design Procedure
The SDA and SCL pin voltage of the TMP113 can be the same as the supply voltage V+. The accuracy of
the TMP113 is not affected by the pullup voltage. However, using a minimal SDA and ALERT pins pull-up
current is recommended to prevent self-heating and temperature accuracy reduction. In addition, to minimize
measurement noise, having communication on the I2C bus during temperature conversion is not recommended.
9.2.3 Application Curve
Figure 9-2 shows the step response of the TMP113 to a submersion in an oil bath of 75ºC from room
temperature (25ºC). The time-constant, or the time for the output to reach 63% of the input step, is 0.2s (for
flexible PCB) and 1.1s (for rigid PCB). The time-constant result depends on the printed-circuit board (PCB) size
TMP113
SBOSAJ5 – DECEMBER 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com