Electronic Components Datasheet Search
  English  ▼

X  

TMP110 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP110
Description  TMP113 Ultra-Small, 1.4V to 5.5V Supply, ±0.3°C Accurate, I2C Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP110 Datasheet(HTML) 1 Page - Texas Instruments

  TMP110 Datasheet HTML 1Page - Texas Instruments TMP110 Datasheet HTML 2Page - Texas Instruments TMP110 Datasheet HTML 3Page - Texas Instruments TMP110 Datasheet HTML 4Page - Texas Instruments TMP110 Datasheet HTML 5Page - Texas Instruments TMP110 Datasheet HTML 6Page - Texas Instruments TMP110 Datasheet HTML 7Page - Texas Instruments TMP110 Datasheet HTML 8Page - Texas Instruments TMP110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
TMP113 Ultra-Small, 1.4V to 5.5V Supply, ±0.3°C Accurate, I2C Digital Temperature
Sensor
1 Features
• Available in WCSP package:
– Body size (DSBGA-6): 1.5 × 1.0 × 0.525mm
• Wide operating ranges
– V+ operating range: 1.4V to 5.5V
– Temperature range: -40°C to 125°C
• Accuracy holds across temperature
– ±0.1°C (typical) at 25°C
– ±0.3°C (maximum) from -25°C to 85°C
– ±0.5°C (maximum) from -40°C to 125°C
• 12-bit resolution: 0.0625°C (LSB)
• Flexible digital interface
– I2C and SMBus compatible
– I3C Mixed Bus co-existence capable
• Low supply current
– 3.4μA Average current (typical) at 4Hz
– 1.4μA Average current (typical) at 1Hz
– 70nA Shutdown current (typical)
• Only 2m°C/V DC power supply rejection over wide
supply range of 1.4V to 5.5V
• Safety and compliance
– NIST Traceable
• Software compatible with normal mode of Industry-
Standard
– TMP102, TMP110, TMP112
• Available compatible dual source device in the
market
2 Applications
• Building automation
– Occupancy detection
– Video doorbell
– HVAC: Wireless environmental sensor
• Factory automation & control
– Machine vision camera
– Power Delivery Units
– Industrial PC: Single board computer
– CPU (PLC controller)
• Medical Equipment
– Continuous glucose monitor
• Data center & enterprise computing
– Solid state drive (SSD)
– Rack Server Motherboard
• Personal electronics
– PC & notebooks, tablets, Gaming
– Digital still & video camera
– Augmented reality glasses
– Smart speakers
3 Description
The TMP113 is a I2C-compatible digital temperature
sensor in a 6-pin WCSP-package. The TMP113 offers
an accuracy of ±0.3°C across the -25°C to 85°C
temperature range with an on-chip 12-bit analog-to-
digital converter (ADC) that provides a temperature
resolution of 0.0625°C.
The TMP113 is designed to operate from a supply
range as low as 1.4V, with a low average and
shutdown current of 1.4µA (at 1Hz) and 70nA,
allowing for an on-demand temperature conversion
and maximizing of battery life. At the same time the
supply can be raised to as high as 5.5V for a range
of industrial applications with only 2m°C/V DC power
supply rejection. This device has a very fast thermal
step response equal to 0.2s with flexible PCB.
The TMP113 production units are 100% tested
against sensors that are NIST-traceable and are
verified with equipment that are NIST-traceable
through ISO/IEC 17025 accredited calibrations.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TMP113
DSBGA (6)
1.5mm
✕ 1.0mm ✕
0.525mm
(1)
For more information, see Section 12.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
Note: Pull-up resistors are recommended to be higher than 5k .
I
2C
Controller
SCL
SDA
5k
5k
V+ =1.4V to 5.5V
5k
ALERT
SCL
V+
GND
ADD0
SDA
ALERT
V+
GND
10nF
Simplified Schematic
TMP113
SBOSAJ5 – DECEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP110

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP110 TRUMPOWER-TMP110 Datasheet
169Kb / 2P
110 WATT MEDICAL POWER ADAPTERS
logo
Texas Instruments
TMP110 TI1-TMP110 Datasheet
1Mb / 36P
TMP110 Ultra-Small, ±1.0°C Accurate, I2C Digital Temperature Sensor for Cost- Sensitive Systems
FEBRUARY 2024
TMP110 TI1-TMP110 Datasheet
1Mb / 47P
TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
FEBRUARY 2024
TMP110 TI1-TMP110 Datasheet
1Mb / 38P
TMP110 Ultra-Small, ±1.0°C Accurate, I2C Digital Temperature Sensor for Cost- Sensitive Systems
JULY 2024
TMP110 TI1-TMP110 Datasheet
1Mb / 41P
TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
JULY 2024
More results

Similar Description - TMP110

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7408 AD-ADT7408 Datasheet
459Kb / 24P
-2 C Accurate, 12-Bit Digital Temperature Sensor
3/06-Revision 0
ADT7302 AD-ADT7302_05 Datasheet
276Kb / 16P
짹2 C Accurate, Micropower Digital Temperature Sensor
10/05-Revision 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7420 AD-ADT7420 Datasheet
384Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
ADT7420 AD-ADT7420_12 Datasheet
419Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
Accurate Digital Temperature Sensor
REV. B
logo
Maxim Integrated Produc...
MAX30208 MAXIM-MAX30208 Datasheet
739Kb / 29P
-0.1C Accurate, I2C Digital Temperature Sensor
Rev 1; 5/20
MAX31889 MAXIM-MAX31889 Datasheet
531Kb / 31P
짹0.25째C Accurate I2C Temperature Sensor
2020
logo
Analog Devices
MAX30210 AD-MAX30210 Datasheet
619Kb / 48P
±0.1°C Accurate, Ultra-Small, Low-Power I2C Digital Temperature Sensor
19-101474; Rev 0; 12/22
logo
Texas Instruments
TMP1820 TI-TMP1820 Datasheet
1Mb / 51P
TMP1820 1-Wire®, 1.7-V to 5.5-V Bus Powered Supply, ±0.3°C Accurate Digital Temperature Sensor
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com