Electronic Components Datasheet Search
  English  ▼

X  

TMP110 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMP110
Description  TMP113 Ultra-Small, 1.4V to 5.5V Supply, ±0.3°C Accurate, I2C Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP110 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP110 Datasheet HTML 4Page - Texas Instruments TMP110 Datasheet HTML 5Page - Texas Instruments TMP110 Datasheet HTML 6Page - Texas Instruments TMP110 Datasheet HTML 7Page - Texas Instruments TMP110 Datasheet HTML 8Page - Texas Instruments TMP110 Datasheet HTML 9Page - Texas Instruments TMP110 Datasheet HTML 10Page - Texas Instruments TMP110 Datasheet HTML 11Page - Texas Instruments TMP110 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
6.8 Typical Characteristics
at TA = 25°C and V+ = 3.3V (unless otherwise noted)
Temperature (C)
-40
-20
0
20
40
60
80
100
120
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
TMP113 Max
TMP113 min
Average
Average +3
Average -3
Figure 6-2. Temperature Error vs Temperature
Supply Voltage (V)
1.4
2
2.6
3.2
3.8
4.4
5
5.5
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
TA = -40C
TA = 0C
TA = 25C
TA = 125C
Figure 6-3. Temperature Error vs Supply Voltage
Four conversions per second (continuous conversion mode)
Temperature (C)
-40
-20
0
20
40
60
80
100
120
2.5
3
3.5
4
4.5
5
5.5
6
V+ = 1.4V to 5V
V+ = 1.4V
V+ = 1.8V
V+ = 2.5V
V+ = 3.3V
V+ = 5V
Figure 6-4. Average Quiescent Current vs Temperature
Freq (Hz)
0.0001
0.001
0.01
0.1 0.2 0.5 1
2 3 5 710
50
50
70
100
200
300
500
700
1,000
2,000
3,000
5,000
7,000
10,000
0.25Hz
1Hz
4Hz
8Hz
One-shot Mode
Continuous Conversion Mode
Figure 6-5. Average Quiescent Current vs Frequency (V+ = 1.4V
to 5.5V)
Te mperature (C)
-40
-20
0
20
40
60
80
100
120
45
50
55
60
65
70
75
80
85
V+ = 1.4V to 5V
V+ = 1.4V
V+ = 1.8V
V+ = 2.5V
V+ = 3.3V
V+ = 5V
Figure 6-6. Active Conversion Current vs Temperature
Te mperature (C)
-40
-20
0
20
40
60
80
100
120
20
30
50
70
100
200
300
500
700
1,000
2,000
V+ = 1.4V to 5V
V+ = 1.4V
V+ = 1.8V
V+ = 2.5V
V+ = 3.3V
V+ = 5V
Figure 6-7. Shutdown Current vs Temperature
TMP113
SBOSAJ5 – DECEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com