Electronic Components Datasheet Search
  English  ▼

X  

TMP110 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP110
Description  TMP113 Ultra-Small, 1.4V to 5.5V Supply, ±0.3°C Accurate, I2C Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP110 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP110 Datasheet HTML 3Page - Texas Instruments TMP110 Datasheet HTML 4Page - Texas Instruments TMP110 Datasheet HTML 5Page - Texas Instruments TMP110 Datasheet HTML 6Page - Texas Instruments TMP110 Datasheet HTML 7Page - Texas Instruments TMP110 Datasheet HTML 8Page - Texas Instruments TMP110 Datasheet HTML 9Page - Texas Instruments TMP110 Datasheet HTML 10Page - Texas Instruments TMP110 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
6.6 I2C Interface Timing
Minimum and maximum specifications are over –40°C to 125°C and V+ = 1.4V to 5.5V (unless otherwise noted)(1)
FAST MODE
FAST MODE PLUS
HIGH-SPEED MODE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
f(SCL)
SCL operating frequency
0.001
0.4
0.001
1
0.001
3.4
MHz
t(BUF)
Bus-free time between STOP
and START conditions
600
–
500
160
–
ns
t(HDSTA)
Hold time after repeated START
condition.
After this period, the first clock is
generated.
100
–
100
100
–
ns
t(SUSTA)
Repeated START condition
setup time
100
–
100
100
–
ns
t(SUSTO)
STOP condition setup time
600
–
260
160
–
ns
t(HDDAT)
Data hold time(2)
10
900
10
150
10
105
ns
t(SUDAT)
Data setup time
100
–
10
10
–
ns
t(LOW)
SCL clock low period
1300
–
500
160
–
ns
t(HIGH)
SCL clock high period
600
–
260
60
–
ns
t(VDAT)
Data valid time (data response
time)(3)
900
450
ns
tF
SDA, SCL fall time
–
300
120
–
80
ns
tR
SDA, SCL rise time
–
300
–
120
–
80
ns
ttimeout
Timeout (SCL = Low or SDA =
Low)
30
30
–
40
ms
tLPF
Glitch suppression filter
50
50
–
40
ns
(1)
The controller and device have the same V+ value. Values are based on statistical analysis of samples tested during initial release
(2)
The maximum t(HDDAT) can be 0.9 µs for fast mode, and is less than the maximum t(VDAT) by a transition time.
(3)
t(VDAT) = time for data signal from SCL LOW to SDA output (HIGH to LOW, depending on which is worse).
SCL
SDA
t
(LOW)
t
R
t
F
t
(HDSTA)
t
(HDSTA)
t
(HDDAT)
t
(BUF)
t
(SUDAT)
t
(HIGH)
t
(SUSTA)
t
(SUSTO)
P
S
S
P
Figure 6-1. I2C Timing Diagram
www.ti.com
TMP113
SBOSAJ5 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMP113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com