Electronic Components Datasheet Search
  English  ▼

X  

TMP110 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMP110
Description  TMP113 Ultra-Small, 1.4V to 5.5V Supply, ±0.3°C Accurate, I2C Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP110 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMP110 Datasheet HTML 11Page - Texas Instruments TMP110 Datasheet HTML 12Page - Texas Instruments TMP110 Datasheet HTML 13Page - Texas Instruments TMP110 Datasheet HTML 14Page - Texas Instruments TMP110 Datasheet HTML 15Page - Texas Instruments TMP110 Datasheet HTML 16Page - Texas Instruments TMP110 Datasheet HTML 17Page - Texas Instruments TMP110 Datasheet HTML 18Page - Texas Instruments TMP110 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
7.3.4 NIST Traceability
The TMP113 offers 3 Unique ID registers (48-bit) to support NIST traceability. These unique IDs can be used to
provide an audit trail to standards provided by the National Institute of Standards and Technology (NIST), a US
Commerce Department agency.
Reading the Unique ID registers requires a specific procedure to retrieve the content from the memory. The
procedure is as follows:
1. Place the device in Shutdown Mode by setting bit 8 of Register 01h (Configuration register) to 1b.
2. Write 0x0000 to desired Unique ID pointer address (0Ch, 0Dh, 0Eh, or 0Fh).
3. Read Unique ID from the same pointer address.
4. Repeat step #2 above for each pointer address as desired.
Note address 0Fh is expected to be read 0x0000 for this device and is reserved for future use. In addition, for
high speed mode, the user must wait 25µs after step-3 and before communicating.
7.4 Device Functional Modes
The TMP113 can be configured to operate in continuous or one-shot (shutdown) mode. This flexibility enables
designers to balance the requirements of power efficiency and performance.
7.4.1 Continuous-Conversion Mode
When the Shutdown bit is set to 0b in the configuration register, the device operates in continuous conversion
mode. Figure 7-3 shows the device in a continuous conversion cycle. In this mode, the device performs
conversion at fixed periods and updates the temperature result register at the end of every conversion, The
typical active conversion time is 11ms.
Start of
conversion
Ac ve conversion me
(tACT)
Standby Time
(tSTANDBY)
Conversion Period
(tConv_Period)
Figure 7-3. Continuous Conversion Cycle Timing Diagram
The Conversion_Rate[1:0] bits in the configuration register control the rate at which the conversions are
performed. The device typically consumes 55µA during conversion and 0.85µA during the low power standby
time. By decreasing the rate at which conversions are performed, the application can benefit from reduced
average current consumption in continuous mode.
Use Equation 1 to calculate the average current in continuous mode.
Average Current = ((IDD_ACTIVE × tACT) + (IDD_SB × tSTANDBY)) / tConv_Period
(1)
Where
• tACT = Active conversion time
• tConv_Period = Conversion Period
• tSTANDBY = Standby time between conversions calculated as tConv_Period - tACT
www.ti.com
TMP113
SBOSAJ5 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TMP113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com