Electronic Components Datasheet Search
  English  ▼

X  

TMP110 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMP110
Description  TMP113 Ultra-Small, 1.4V to 5.5V Supply, ±0.3°C Accurate, I2C Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP110 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMP110 Datasheet HTML 23Page - Texas Instruments TMP110 Datasheet HTML 24Page - Texas Instruments TMP110 Datasheet HTML 25Page - Texas Instruments TMP110 Datasheet HTML 26Page - Texas Instruments TMP110 Datasheet HTML 27Page - Texas Instruments TMP110 Datasheet HTML 28Page - Texas Instruments TMP110 Datasheet HTML 29Page - Texas Instruments TMP110 Datasheet HTML 30Page - Texas Instruments TMP110 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
Table 8-16. Unique_ID1 Register Field Description
Bit
Field
Type
Reset
Description
15:0
Unique_ID0[31:16]
R
xxxxh
Bits 31:16 of the device Unique ID
8.8 Unique_ID2 Register (Address = 0Eh) [reset = xxxxh]
This register contains bits 47:32 of the Unique ID for the device. The Unique ID of the device is used for NIST
traceability purposes. For the procedure how to read the Unique IDs, please go to Section 7.3.4.
Return to Register Map.
Table 8-17. Unique_ID2 Register
15
14
13
12
11
10
9
8
Unique_ID2[47:40]
R-xxh
7
6
5
4
3
2
1
0
Unique_ID2[39:32]
R-xxh
Table 8-18. Unique_ID2 Register Field Description
Bit
Field
Type
Reset
Description
15:0
Unique_ID2[47:32]
R
xxxxh
Bits 47:32 of the device Unique ID
www.ti.com
TMP113
SBOSAJ5 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TMP113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com