Electronic Components Datasheet Search
  English  ▼

X  

TMP110 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMP110
Description  TMP113 Ultra-Small, 1.4V to 5.5V Supply, ±0.3°C Accurate, I2C Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP110 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP110 Datasheet HTML 7Page - Texas Instruments TMP110 Datasheet HTML 8Page - Texas Instruments TMP110 Datasheet HTML 9Page - Texas Instruments TMP110 Datasheet HTML 10Page - Texas Instruments TMP110 Datasheet HTML 11Page - Texas Instruments TMP110 Datasheet HTML 12Page - Texas Instruments TMP110 Datasheet HTML 13Page - Texas Instruments TMP110 Datasheet HTML 14Page - Texas Instruments TMP110 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
7 Detailed Description
7.1 Overview
The TMP113 is a digital output temperature sensor that comes factory calibrated for accuracy. The device
features a two-wire, SMBus and I2C compatible interface with two modes of operation: continuous conversion
mode and one-shot conversion mode, designed for thermal management and thermal protection applications.
The TMP113 also includes an alert status register with individual high and low thresholds.
7.2 Functional Block Diagram
SCL
GND
SDA
Digital
Core
Temperature
sensor circuit
Oscillator
Register
Bank
ADC
V+
ADD0
ALERT
Internal
thermal
BJT
7.3 Feature Description
7.3.1 Digital Temperature Output
The digital output from each temperature measurement is stored in the read-only temperature register. The
temperature register of the TMP113 device is configured as a 12-bit, read-only register that stores the output of
the most recent conversion. The device output is as shown in Table 7-1.
Table 7-1. 12-Bit Temperature Data Guidelines
Temperature Bit Length
Q Notation
LSB (°C)
Range (+)
Range (-)
12
4
0.0625
127.93475
-128
Two bytes have to be read to obtain data. Byte 1 is the most significant byte (MSB), followed by byte 2, the
least significant byte (LSB). The first 12 bits are used to indicate temperature. The least significant byte does not
have to be read if that information is not needed. The data format for temperature is summarized in Table 7-2.
One LSB equals 0.0625°C. Negative numbers are represented in binary two’s complement format. Following
power-up or reset, the temperature register has 0°C until the first conversion is complete. The unused bits in the
temperature register always read 0.
Table 7-2. 12-Bit Temperature Data Format
TEMPERATURE (°C)
DIGITAL OUTPUT (BINARY)
HEX (four LSBs are not used)
>127.9375
0111 1111 1111
7FF
127.9375
0111 1111 1111
7FF
100
0110 0100 0000
640
80
0101 0000 0000
500
75
0100 1011 0000
4B0
50
0011 0010 0000
320
25
0001 1001 0000
190
0.25
0000 0000 0100
004
0.0625
0000 0000 0001
001
www.ti.com
TMP113
SBOSAJ5 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMP113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com