Electronic Components Datasheet Search
  English  ▼

X  

TMP110 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMP110
Description  TMP113 Ultra-Small, 1.4V to 5.5V Supply, ±0.3°C Accurate, I2C Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP110 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP110 Datasheet HTML 10Page - Texas Instruments TMP110 Datasheet HTML 11Page - Texas Instruments TMP110 Datasheet HTML 12Page - Texas Instruments TMP110 Datasheet HTML 13Page - Texas Instruments TMP110 Datasheet HTML 14Page - Texas Instruments TMP110 Datasheet HTML 15Page - Texas Instruments TMP110 Datasheet HTML 16Page - Texas Instruments TMP110 Datasheet HTML 17Page - Texas Instruments TMP110 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
THigh_Limit
TLow_Limit
Temperature
Conversions
ALERT pin/ ag
Polarity = 0b
ALERT pin/ ag
Polarity = 1b
I
2C Read
Temperature
Figure 7-1. Comparator Mode
As shown in Figure 7-2, in Alert mode (Alert_Mode = 1b), the ALERT pin and status flag become active when
the temperature equals or exceeds the THigh_Limit for Fault number of consecutive conversion. The ALERT
pin/flag remains active until a read operation of any register occurs or the device responds to the SMBus
Alert Response. When the ALERT pin and status flag are cleared, the pin/flag becomes active only when the
temperature is less than the TLow_Limit for Fault number of consecutive conversion, and remains active until a
read operation of any register occurs or the device responds to the SMBus Alert Response. When the ALERT
pin/flag is cleared after a TLow_Limit crossing, the above cycle repeats. The ALERT pin and status flag can also
be cleared by issuing the General Call Reset command.
THigh_Limit
TLow_Limit
(Hysteresis)
Temperature
Conversions
ALERT pin/ ag
Polarity = 0b
ALERT pin/ ag
Polarity = 1b
I
2C Read
Temperature
Figure 7-2. Alert Mode
TMP113
SBOSAJ5 – DECEMBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com