Electronic Components Datasheet Search
  English  ▼

X  

GL424 Datasheet(PDF) 7 Page - GENESYS LOGIC

Part # GL424
Description  SD/MMC Flash Card Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL424 Datasheet(HTML) 7 Page - GENESYS LOGIC

Back Button GL424 Datasheet HTML 3Page - GENESYS LOGIC GL424 Datasheet HTML 4Page - GENESYS LOGIC GL424 Datasheet HTML 5Page - GENESYS LOGIC GL424 Datasheet HTML 6Page - GENESYS LOGIC GL424 Datasheet HTML 7Page - GENESYS LOGIC GL424 Datasheet HTML 8Page - GENESYS LOGIC GL424 Datasheet HTML 9Page - GENESYS LOGIC GL424 Datasheet HTML 10Page - GENESYS LOGIC GL424 Datasheet HTML 11Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
GL424 SD/MMC Flash Card Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 7
CHAPTER 1
GENERAL DESCRIPTION
GL424 is a single-chip controller for SD and MMC memory cards. It is designed based on SD1.0/SD1.1/SD2.0
and MMC3.3/MMC4.0 specification. Its unique RAM based firmware strategy provides flexibility for fast
compatibility and performance improvement, therefore, give customers strong support to win in today’s
fast-changing market. With its simple interface, customers can easily apply it to SD and MMC memory cards
manufacturing at the same time.
GL424 manages interface protocol, data storage and retrieval, error detection and correction, defect handling and
diagnostic, as well as power management. With a built-in flash management algorithm, GL424 is applicable for
most types of flash in the market: SAMSUNG, MICRON, ST, TOSHIBA, HYNIX and RENESAS.
GL424 is packaged LQFN-46 and VFBGA-54. Both die and LQFN/VFBGA package are available and
completely meet SD and MMC memory card mechanical thickness requirement.
The pin assignment that fits to
card sockets provides easy PCB layout.
GL424 is unique in its three advanced features:
(1) Dual-channel solution as well as normal single channel solution with top access speed;
(2) Dual voltage for both 1.8V and 3.3V interface;
(3) 8KV-ESD protecting the whole card.
VFBGA54 packaged GL424 has a dual channel flash access interface, which remarkably speed up read/write
performance. It supports 16-bit flash also.
GL424 provides 8KV ESD (human body mode) and 15KV ESD (mechanical mode) protection. Especially,
GL424 can also provide such high voltage ESD protection to FLASH on the whole SD/MMC card. Therefore,
greatly improved SD/MMC card’s reliability and high quality in unpredictable application environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com