Electronic Components Datasheet Search
  English  ▼

X  

GL424 Datasheet(PDF) 16 Page - GENESYS LOGIC

Part # GL424
Description  SD/MMC Flash Card Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL424 Datasheet(HTML) 16 Page - GENESYS LOGIC

Back Button GL424 Datasheet HTML 12Page - GENESYS LOGIC GL424 Datasheet HTML 13Page - GENESYS LOGIC GL424 Datasheet HTML 14Page - GENESYS LOGIC GL424 Datasheet HTML 15Page - GENESYS LOGIC GL424 Datasheet HTML 16Page - GENESYS LOGIC GL424 Datasheet HTML 17Page - GENESYS LOGIC GL424 Datasheet HTML 18Page - GENESYS LOGIC GL424 Datasheet HTML 19Page - GENESYS LOGIC GL424 Datasheet HTML 20Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
GL424 SD/MMC Flash Card Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 16
3.2 Pin Descriptions
3.2.1 Regulator Interface
Table 3.1 - 46 PIN LQFN Regulator Interface
Pin No.
Pin Name
Type
Description
1
R1
A
External Resistor pad
2
R2
A
External Resistor pad
3
V18OUT
O
1.8V output (Max.100mA)
4
VIN
P
3.3V power
5
GND
P
Ground
6
GNDOUT
P
Ground output
Table 3.2 - 54 PIN VFBGA Regulator Interface
Pin No.
Pin Name
Type
Description
A6
R1
A
External Resistor pad
A5
R2
A
External Resistor pad
B5
V18OUT
O
1.8V output (Max.100mA)
C4
V18Fsh
O
1.8V output (Max.30mA)
A4
VIN
P
3.3V power
B4
GND
P
Ground
G5
GNDX
P
Ground
Table 3.3 – Die Pad Regulator Interface
Pad No.
Pad Name
Type
Description
PAD1
R1
A
External Resistor pad
PAD2
R2
A
External Resistor pad
PAD3
V18-out2
O
1.8V output (Max.100mA)
(Double Bonding)
PAD4
V18-out2
O
Regulator 1.8V output
(Double Bonding)
PAD5
V18-out1
O
1.8V output (Max.40mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com