Electronic Components Datasheet Search
  English  ▼

X  

GL424 Datasheet(PDF) 28 Page - GENESYS LOGIC

Part # GL424
Description  SD/MMC Flash Card Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL424 Datasheet(HTML) 28 Page - GENESYS LOGIC

Back Button GL424 Datasheet HTML 24Page - GENESYS LOGIC GL424 Datasheet HTML 25Page - GENESYS LOGIC GL424 Datasheet HTML 26Page - GENESYS LOGIC GL424 Datasheet HTML 27Page - GENESYS LOGIC GL424 Datasheet HTML 28Page - GENESYS LOGIC GL424 Datasheet HTML 29Page - GENESYS LOGIC GL424 Datasheet HTML 30Page - GENESYS LOGIC GL424 Datasheet HTML 31Page - GENESYS LOGIC GL424 Datasheet HTML 32Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
GL424 SD/MMC Flash Card Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 28
CHAPTER 4
ELECTRICAL CHARACTERISTICS
4.1 Absolute Maximum Ratings
Table 4.1 - Absolute Maximum Ratings
Parameter
Symbol
Min
Max.
Unit
Remark
Supply Voltage
VDD
2.0
3.6
V
CMD0, 15,55, ACMD41
Supply Voltage Differentials (Vss1, Vss2)
-0.3
0.3
V
Storage Temperature
-40
85
oC
Junction Temperature
95
oC
4.2 Bus Operating Conditions
Table 4.2 - Bus Operating Conditions
Parameter
Symbol
Min
Max.
Unit
Remark
Peak Voltage on all Lines
VDD
2.6
3.6
V
Ground Voltage
0
V
Operation Temperature
-25
85
oC
Operation Moisture and Corrosion
95%
Rel. humidity
4.3 D.C. Characteristics
Table 4.3 - D.C. Characteristics
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Supply voltage
VCC
2.0
3.3
3.6
V
Input Leakage Current
(HCLK, HCMD and HDATA2-0 to
Ground)
II
0< VIN < VCC
0.2
-
0.3
µA
Input Leakage Current
(HCLK, HCMD and HDATA2-0 to VDD)
II
0< VIN < VCC
0.2
-
0.3
µA
Input Leakage Current at HDATA3 to
Ground
II
0< VIN < VCC
-
-
0.43
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com