Electronic Components Datasheet Search
  English  ▼

X  

GL424 Datasheet(PDF) 10 Page - GENESYS LOGIC

Part # GL424
Description  SD/MMC Flash Card Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL424 Datasheet(HTML) 10 Page - GENESYS LOGIC

Back Button GL424 Datasheet HTML 6Page - GENESYS LOGIC GL424 Datasheet HTML 7Page - GENESYS LOGIC GL424 Datasheet HTML 8Page - GENESYS LOGIC GL424 Datasheet HTML 9Page - GENESYS LOGIC GL424 Datasheet HTML 10Page - GENESYS LOGIC GL424 Datasheet HTML 11Page - GENESYS LOGIC GL424 Datasheet HTML 12Page - GENESYS LOGIC GL424 Datasheet HTML 13Page - GENESYS LOGIC GL424 Datasheet HTML 14Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
GL424 SD/MMC Flash Card Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 10
2.4 Micro Controller and Analog System
‧ RISC core with fast speed and less code size
‧ Flexibility to update system code
‧ Ability to add customers’ own feature
2.5 8KV-ESD protection
‧ 8KV human body ESD protection (contact discharge mode) for the whole card (not only controller
chip itself)
‧ 15KV mechanical mode ESD protection (air discharge mode) for the whole card (not only
controller chip itself)
2.6 Dual Channel FLASH to reach top Read/Write Speed
‧ GL424 provides dual channel flash access solution. This can reach the read/write speed almost
doubled compared with single channel solution.
2.7 Dual voltage application
‧ GL424 provides the solution for dual voltage application. This means MMC4.0 card with GL424
can work with either 1.8V or 3.3V host interface.
2.8 Product Packages
‧ 46-pin LQFN package
‧ 54-pin VFBGA package
‧ 46-pin LGA package
‧ 51-pin LGA package
2.9 Technology
‧ 0.18um process
2.10 Manufacture
‧ Easy firmware development environment
‧ Supports firmware upgrade tool via PC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com