Electronic Components Datasheet Search
  English  ▼

X  

GL424 Datasheet(PDF) 9 Page - GENESYS LOGIC

Part # GL424
Description  SD/MMC Flash Card Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL424 Datasheet(HTML) 9 Page - GENESYS LOGIC

Back Button GL424 Datasheet HTML 5Page - GENESYS LOGIC GL424 Datasheet HTML 6Page - GENESYS LOGIC GL424 Datasheet HTML 7Page - GENESYS LOGIC GL424 Datasheet HTML 8Page - GENESYS LOGIC GL424 Datasheet HTML 9Page - GENESYS LOGIC GL424 Datasheet HTML 10Page - GENESYS LOGIC GL424 Datasheet HTML 11Page - GENESYS LOGIC GL424 Datasheet HTML 12Page - GENESYS LOGIC GL424 Datasheet HTML 13Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
GL424 SD/MMC Flash Card Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 9
CHAPTER 2
FEATURES
2.1 SD Host Interface
‧ Complies with SD Specification, Version 2.0
‧ Complies with SD Specification, Version 1.1
‧ Complies with SD Specification, Version 1.0
‧ Supports SPI mode and CPRM functions
‧ Supports clock rate up to 25 MHz for SD1.0
‧ Supports clock rate up to 52 MHz for SD1.1 and SD2.0
‧ Buffers for multi-block flash memory programming
‧ DMA operation between buffers and flash memory
‧ Supports automatic CRC16 generation and verification on DATA3-0
‧ Supports SD card exceed 4Gbytes capacity
2.2 MMC Host Interface
‧ Complies with MultiMediaCard System Specification, Version 4.0
‧ Complies with MultiMediaCard System Specification, Version 3.3
‧ Supports SPI mode and CPRM functions
‧ Supports clock rate up to 20 MHz for MMC3.3
‧ Supports clock rate up to 52 MHz for MMC4.0
‧ Buffers for multi-block flash memory programming
‧ DMA operation between buffers and flash memory
‧ Supports automatic CRC16 generation and verification on DATA7-0
2.3 Flash Memory Interface
‧ Direct interface to NAND/AND flash chips (SAMSUNG / TOSHIBA / HITACHI / RENESAS /
MICRON / ST / HYNIX)
‧ Supports dual-channel, 16 bits flash (VFBGA54 package and die)
‧ Drives up to 4 flash memory chips, respectively (VFBGA54 package and die)
‧ Supports 64M / 128M / 256M / 512M / 1G / 2G / 4G / 8G bits flash chips
‧ Embedded firmware support for flash file system (FTL)
‧ Built-in flash management algorithm
‧ Powerful ECC for error detection and correction up to 6 bytes per 512bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com