Electronic Components Datasheet Search
  English  ▼

X  

GL424 Datasheet(PDF) 18 Page - GENESYS LOGIC

Part # GL424
Description  SD/MMC Flash Card Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL424 Datasheet(HTML) 18 Page - GENESYS LOGIC

Back Button GL424 Datasheet HTML 14Page - GENESYS LOGIC GL424 Datasheet HTML 15Page - GENESYS LOGIC GL424 Datasheet HTML 16Page - GENESYS LOGIC GL424 Datasheet HTML 17Page - GENESYS LOGIC GL424 Datasheet HTML 18Page - GENESYS LOGIC GL424 Datasheet HTML 19Page - GENESYS LOGIC GL424 Datasheet HTML 20Page - GENESYS LOGIC GL424 Datasheet HTML 21Page - GENESYS LOGIC GL424 Datasheet HTML 22Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
GL424 SD/MMC Flash Card Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 18
Note :
A: Analog
I: Input
O: Output
P: Power supply
B: Bi-direction
3.2.2 Card Interface
Table 3.3 - 46 PIN LQFN Card Interface
Pin No.
Pin Name
Type
Description
20
HCLK
I
HCLK from HOST
18
HCMD
B
SD/MMC mode: HCMD from/to HOST
SPI mode: Data-in signal from HOST
22
HDATA0
B
SD/MMC mode: HDATA0 from/to HOST.
SPI mode: Data-out signal to HOST
23
HDATA1
B
SD/MMC mode: HDATA1 from/to HOST.
SPI mode: not connected
16
HDATA2
B
SD/MMC mode: HDATA2 from/to HOST.
SPI mode: not connected
17
HDATA3
B
SD/MMC mode: HDATA3 from/to HOST.
SPI mode: CS signal
25
HDATA4
B
MMC mode: HDATA4 from/to HOST.
26
HDATA5
B
MMC mode: HDATA5 from/to HOST.
27
HDATA6
B
MMC mode: HDATA6 from/to HOST.
28
HDATA7
B
MMC mode: HDATA7 from/to HOST.
Table 3.4 - 54 PIN VFBGA Card Interface
Pin No.
Pin Name
Type
Description
H1
HCLK
I
HCLK from HOST
F2
HCMD
B
SD/MMC mode: HCMD from/to HOST
SPI mode: Data-in signal from HOST
J2
HDATA0
B
SD/MMC mode: HDATA0 from/to HOST.
SPI mode: Data-out signal to HOST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com