Electronic Components Datasheet Search
  English  ▼

X  

GL424 Datasheet(PDF) 24 Page - GENESYS LOGIC

Part # GL424
Description  SD/MMC Flash Card Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL424 Datasheet(HTML) 24 Page - GENESYS LOGIC

Back Button GL424 Datasheet HTML 20Page - GENESYS LOGIC GL424 Datasheet HTML 21Page - GENESYS LOGIC GL424 Datasheet HTML 22Page - GENESYS LOGIC GL424 Datasheet HTML 23Page - GENESYS LOGIC GL424 Datasheet HTML 24Page - GENESYS LOGIC GL424 Datasheet HTML 25Page - GENESYS LOGIC GL424 Datasheet HTML 26Page - GENESYS LOGIC GL424 Datasheet HTML 27Page - GENESYS LOGIC GL424 Datasheet HTML 28Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
GL424 SD/MMC Flash Card Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 24
4
DA3
B
FLASH bus bit3
5
DA4
B
FLASH bus bit4
6
DA5
B
FLASH bus bit5
7
DA6
B
FLASH bus bit6
8
DA7
B
FLASH bus bit7
3.2.4 System Interface
Table 3.13 - 46 PIN LQFN System Interface
Pin No.
Pin Name
Type
Description
7
MCLK
I
Main clock input.
8
Rst_
I
Power-on reset, low active
9
OSCO
O
Main clock output
31
OSC_E
I
Oscillator enable
10
VDDIN
P
Power supply for IO
39
VDDIN
P
Power supply for IO
40
V18IN
P
Digital 1.8V power supply
37
GNDIN
P
Digital GND
19
VCC
P
3.3V power supply
29
VCC
P
3.3V power supply
21
GND
P
Ground
32
GND
P
Ground
24
CVDD18
P
1.8V power supply
30
VDDOUT
P
3.3V power output
Table 3.14 - 54 PIN VFBGA System Interface
Pin No.
Pin Name
Type
Description
B3
MCLK
I
Main clock input.
A3
Rst_
I
Power-on reset, low active
C3
OSCO
O
Main clock output
E2
OSC_E
I
Oscillator enable
D2
VDDIN
P
Power supply for flash interface IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com