Electronic Components Datasheet Search
  English  ▼

X  

GL424 Datasheet(PDF) 25 Page - GENESYS LOGIC

Part # GL424
Description  SD/MMC Flash Card Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL424 Datasheet(HTML) 25 Page - GENESYS LOGIC

Back Button GL424 Datasheet HTML 21Page - GENESYS LOGIC GL424 Datasheet HTML 22Page - GENESYS LOGIC GL424 Datasheet HTML 23Page - GENESYS LOGIC GL424 Datasheet HTML 24Page - GENESYS LOGIC GL424 Datasheet HTML 25Page - GENESYS LOGIC GL424 Datasheet HTML 26Page - GENESYS LOGIC GL424 Datasheet HTML 27Page - GENESYS LOGIC GL424 Datasheet HTML 28Page - GENESYS LOGIC GL424 Datasheet HTML 29Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
GL424 SD/MMC Flash Card Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 25
F4
V18IN
P
Digital 1.8V power supply
F3
VCC
P
3.3V power supply
G3
VCC
P
3.3V power supply
G4
GND
P
Ground
G2
CVDD18
P
1.8V power supply
J4
VDDOUT
P
3.3V power output
E3
Prt_
B
Protect
G1
DETECT
O
Power detect
Table 3.15 - Die Pad System Interface
Pad No.
Pad Name
Type
Description
PAD13
PAD_rst_B
I
Power-on reset input, low active
PAD14
PAD_rst_o
O
Power-on reset output
PAD44
PAD_Prt_B
B
Protect
PAD15
PAD_OSCO
O
Clock output for test
PAD12
PAD_MCLK
I
Main clock input.
PAD45
PAD_DETECT
B
Card detect
PAD46
PAD_DETECT
B
Backup PAD
(No Bonding)
PAD74
PAD_OSC_E
I
Oscillator enable
PAD73
PAD_OSC_E
I
Backup PAD
(No Bonding)
PAD23
VDDIN
P
Power supply for flash interface IO
PAD37
VDDIN
P
Power supply for flash interface IO
PAD36
V18IN
P
Digital 1.8V power supply
PAD39
GNDIN
P
Ground input
PAD53
VCC
P
3.3V power supply
PAD56
GND
P
Ground
PAD57
GND
P
Ground
PAD62
CVDD18
P
1.8V power supply
PAD71
VCC
P
3.3V power supply
PAD72
V33OUT
P
3.3V power output when enhanced 8KV-ESD protected
PAD75
GND
P
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com