Electronic Components Datasheet Search
  English  ▼

X  

GL819 Datasheet(PDF) 12 Page - GENESYS LOGIC

Part # GL819
Description  USB 2.0 Generation 3 Multi-I/F Card Reader Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL819 Datasheet(HTML) 12 Page - GENESYS LOGIC

Back Button GL819 Datasheet HTML 8Page - GENESYS LOGIC GL819 Datasheet HTML 9Page - GENESYS LOGIC GL819 Datasheet HTML 10Page - GENESYS LOGIC GL819 Datasheet HTML 11Page - GENESYS LOGIC GL819 Datasheet HTML 12Page - GENESYS LOGIC GL819 Datasheet HTML 13Page - GENESYS LOGIC GL819 Datasheet HTML 14Page - GENESYS LOGIC GL819 Datasheet HTML 15Page - GENESYS LOGIC GL819 Datasheet HTML 16Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
GL819 USB 2.0 Generation 3 Multi-I/F Card Reader Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 12
NVMCSZ
43
O
Ext. flash CS#
VDD33_1~4
46,88,114,
124
P
Digital power 3.3V
SD_WP
47
I
SD Write Protect Detection, this pin is an active high write
protect signal for the SD device; Default high when card inserted.
SD_CDZ
48
I
SD Card detection#, this is the card detection signal from SD
device to indicate if the device is inserted, Normal high.
SM_WEZ
49
O
SmartMedia WE#
SM_RBZ
50
I
SmartMedia RDY/BSY#
NVMOEZ
52
O
Ext. flash OE#
MS_CLK
56
O
Memory Stick SCLK output.
SM_WPZ
57
B
SmartMedia WP#
CF_A0~2
65~63
O
CF address 0~2
SM_ALE
68
O
SmartMedia ALE
93C46_DO
69
O
93C46 Data out
93C46_DI
70
I
93C46 Data in
EXTRSTZ
71
I,PU
External reset #, the active low signal is used by the system to
reset the chip, The active low pulse should be at least 1 us wide.
NC
28,31,32,74,
120
Not connected
MSD0~3
77,89,76,75
B
MS DAT0~3
SM_CDZ
78
I
SmartMedia CD#, this is the card detection signal from SM
device to indicate if the device is inserted, active low.
CF_D0~7,13
80~82,104,
105,109,
116,117,110
B
CF Data 0~7, 13
PMOSO1
123
P
PMOS1: SM/XD Power MOS output (250mA output for idea)
PMOSO2
87
P
PMOS2: MS Power MOS output(250mA output for idea)
PMOSO3
113
P
PMOS3: SD Power MOS output(250mA output for idea)
PMOSO4
45
P
PMOS4: CF Power MOS output(250mA output for idea) or
Access LED
MS_INS
90
I
Memory Stick INS
SM_CLE
91
O
SmartMedia CLE
IORDY
97
I
CF IORDY
CF_D14~15
100,101
B
CF data 14~15
CF_CDZ
106
I
CF CD# . CF card detection, this pin is connected to the ground
on the CF card, when the CF device is inserted.
SM_WPDZ
107
I
SmartMedia Write Protect Detect, this pin is an active low write
protect signal for the SM device, when SM is enable. Normal high.
MS_BS
108
O
MemoryStick BS
SD_CLK
111
O
SD/MMC CLK
SD_CMD
112
B
SD/MMC CMD
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com