Electronic Components Datasheet Search
  English  ▼

X  

GL819 Datasheet(PDF) 15 Page - GENESYS LOGIC

Part # GL819
Description  USB 2.0 Generation 3 Multi-I/F Card Reader Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL819 Datasheet(HTML) 15 Page - GENESYS LOGIC

Back Button GL819 Datasheet HTML 11Page - GENESYS LOGIC GL819 Datasheet HTML 12Page - GENESYS LOGIC GL819 Datasheet HTML 13Page - GENESYS LOGIC GL819 Datasheet HTML 14Page - GENESYS LOGIC GL819 Datasheet HTML 15Page - GENESYS LOGIC GL819 Datasheet HTML 16Page - GENESYS LOGIC GL819 Datasheet HTML 17Page - GENESYS LOGIC GL819 Datasheet HTML 18Page - GENESYS LOGIC GL819 Datasheet HTML 19Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
GL819 USB 2.0 Generation 3 Multi-I/F Card Reader Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 15
CHAPTER 5
FUNCTIONAL DESCRIPTION
UTMI
The USB 2.0 Transceiver Macrocell, it’s the analog circuitry that handles the low level USB protocol and
signaling, and shifts the clock domain of the data from the USB 2.0 rate to one that is compatible with the
general logic.
SIE
The Serial Interface Engine, which contains the USB PID and address recognition logic, and other sequencing
and state machine logic to handle USB packets and transactions.
EPFIFO
Endpoint FIFO includes Control FIFO (FIFO0), interrupt FIFO (FIFO3), Bulk In/Out FIFO (BULKFIFO)
Control FIFO
FIFO of control endpoint 0.
It is 64-byte FIFO, and it is used for endpoint 0 data transfer.
Interrupt FIFO
64-byte depth FIFO of endpoint 3 for status interrupt
Bulk In/Out FIFO It can be in the TX mode or RX mode:
1. It contains ping-pong FIFO (512 bytes each bank) for transmit/receive data continuously.
2. It can be directly accessed by Uc
3. Support automatic hardware SmartMedia ECC error correction
MHE
It contains 5 MIF (Media Interface)
MIFs
1. CF/Micro Drive MIF
2. SmartMedia/xD/Flash MIF
3. SD/MMC MIF
4. MemoryStick MIF
5. MemoryStick PRO MIF
8051 Core/SRAM/LUT/Mask ROM
An 8-bit Micro-controller to manage card operation, card power, USB Storage Class, data transfer between
USB and card interface, and GPIOs control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com