Electronic Components Datasheet Search
  English  ▼

X  

GL819 Datasheet(PDF) 28 Page - GENESYS LOGIC

Part # GL819
Description  USB 2.0 Generation 3 Multi-I/F Card Reader Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL819 Datasheet(HTML) 28 Page - GENESYS LOGIC

Back Button GL819 Datasheet HTML 24Page - GENESYS LOGIC GL819 Datasheet HTML 25Page - GENESYS LOGIC GL819 Datasheet HTML 26Page - GENESYS LOGIC GL819 Datasheet HTML 27Page - GENESYS LOGIC GL819 Datasheet HTML 28Page - GENESYS LOGIC GL819 Datasheet HTML 29Page - GENESYS LOGIC GL819 Datasheet HTML 30Page - GENESYS LOGIC GL819 Datasheet HTML 31Page - GENESYS LOGIC GL819 Datasheet HTML 32Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
GL819 USB 2.0 Generation 3 Multi-I/F Card Reader Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 28
Memory Stick PRO Frequency Mode
Parameter
Description
Mode
Typ
Unit
Remark
0
1.5M
1
6M
2
15M
FSCLK
SCLK frequency
3
20M
Same as
Memory Stick
4
30M
5
40M
Hz
AC Characteristics of MS Interface (CLOAD = 15 pF)
PARAMETER
DESCRIPTION
FSCLK =
30 MHZ
FSCLK =
40 MHZ
UNIT
tSCLKc
SCLK Cycle
33.3
25.0
ns
tSCLKwh
SCLK H pulse length (min)
9
5
ns
tSCLKwl
SCLK L pulse length (min)
9
5
ns
tSCLKr
SCLK rise time (min)
5
5
ns
tSCLKr
SCLK rise time (max)
7.5
7.5
ns
tSCLKf
SCLK Fall time (min)
5
5
ns
tSCLKf
SCLK Fall time (max)
7.5
7.5
ns
tBSsu
BS setup time (min)
8
8
ns
tBSh
BS hold time (min)
1
1
ns
tDsu
DATA setup time (min)
8
8
ns
tDh
DATA hold time (min)
1
1
ns
tDd
DATA output delay time (max)
5
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com