Electronic Components Datasheet Search
  English  ▼

X  

GL819 Datasheet(PDF) 32 Page - GENESYS LOGIC

Part # GL819
Description  USB 2.0 Generation 3 Multi-I/F Card Reader Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL819 Datasheet(HTML) 32 Page - GENESYS LOGIC

Back Button GL819 Datasheet HTML 26Page - GENESYS LOGIC GL819 Datasheet HTML 27Page - GENESYS LOGIC GL819 Datasheet HTML 28Page - GENESYS LOGIC GL819 Datasheet HTML 29Page - GENESYS LOGIC GL819 Datasheet HTML 30Page - GENESYS LOGIC GL819 Datasheet HTML 31Page - GENESYS LOGIC GL819 Datasheet HTML 32Page - GENESYS LOGIC GL819 Datasheet HTML 33Page - GENESYS LOGIC GL819 Datasheet HTML 34Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
GL819 USB 2.0 Generation 3 Multi-I/F Card Reader Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 32
6.5.9 EEPROM 93C46 Timing
Figure 6.9 - Timing Diagram of EEPROM 93C46
AC Characteristics of 93C46 Interface (with CLOAD = 15 pF)
PARAMETER
DESCRIPTION
MINIMUM
MAXIMUM
UNIT
fSK
SK clock frequency
200k
400k
Hz
tWH
SK H pulse length
500
─
ns
tWL
SK L pulse length
500
5
ns
tTLH
SK rise time
─
10
ns
tTHL
SK fall time
─
10
ns
tCSS
CS setup time
1
─
µs
tCSH
CS hold time
1
─
µs
tISU
DI setup time
1
─
µs
tIH
DI hold time
1
─
µs
tOSU
DO setup time
5
─
ns
tOH
DO hold time
5
─
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com