Electronic Components Datasheet Search
  English  ▼

X  

GL819 Datasheet(PDF) 14 Page - GENESYS LOGIC

Part # GL819
Description  USB 2.0 Generation 3 Multi-I/F Card Reader Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL819 Datasheet(HTML) 14 Page - GENESYS LOGIC

Back Button GL819 Datasheet HTML 10Page - GENESYS LOGIC GL819 Datasheet HTML 11Page - GENESYS LOGIC GL819 Datasheet HTML 12Page - GENESYS LOGIC GL819 Datasheet HTML 13Page - GENESYS LOGIC GL819 Datasheet HTML 14Page - GENESYS LOGIC GL819 Datasheet HTML 15Page - GENESYS LOGIC GL819 Datasheet HTML 16Page - GENESYS LOGIC GL819 Datasheet HTML 17Page - GENESYS LOGIC GL819 Datasheet HTML 18Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
GL819 USB 2.0 Generation 3 Multi-I/F Card Reader Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 14
CHAPTER 4
BLOCK DIAGRAM
SIE
8051
Core
Register
SIE/
FIFO/
MHE
Control
Mask
ROM
(48K)
MHE
MHE
Control
MS/MS-Pro
MIF
SM/XD
MIF
(With ECC)
SD/MMC
MIF
CF
MIF
EP3 FIFO
(64B)
BULK FIFO
(512B*2)
SRAM
256B
LUT
4KB
UTMI
EP0 FIFO
(64B)
EPFIFO
Figure 4.1 - Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com