Electronic Components Datasheet Search
  English  ▼

X  

GL819 Datasheet(PDF) 31 Page - GENESYS LOGIC

Part # GL819
Description  USB 2.0 Generation 3 Multi-I/F Card Reader Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL819 Datasheet(HTML) 31 Page - GENESYS LOGIC

Back Button GL819 Datasheet HTML 26Page - GENESYS LOGIC GL819 Datasheet HTML 27Page - GENESYS LOGIC GL819 Datasheet HTML 28Page - GENESYS LOGIC GL819 Datasheet HTML 29Page - GENESYS LOGIC GL819 Datasheet HTML 30Page - GENESYS LOGIC GL819 Datasheet HTML 31Page - GENESYS LOGIC GL819 Datasheet HTML 32Page - GENESYS LOGIC GL819 Datasheet HTML 33Page - GENESYS LOGIC GL819 Datasheet HTML 34Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
GL819 USB 2.0 Generation 3 Multi-I/F Card Reader Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 31
6.5.8 CompactFlash Card
Figure 6.8 - Timing Diagram of CompactFlash
True IDE PIO Mode Read/Write Timing (with CLOAD = 30 pF)
PARAMETER
ITEM
MODE
0
MODE
1
MODE
2
MODE
3
MODE
4
MODE
5
MODE
6
UNITS
Tcyc
Cycle Time (min)
600
399
249
183
133
100
83
ns
Tw
Read/Write Active
Width (min)
399
266
150
100
83
66
58
ns
Trec
Read/Write Recovery
Time (min)
199
132
99
83
49
33
24
ns
Td
Write Data Setup (min)
0
0
0
0
0
0
0
ns
Twh
Write Data Hold (min)
208
142
109
90
55
40
24
ns
Tsu
Read Data Setup (min)
50
35
20
20
20
15
10
ns
Thr
Read Data Hold (min)
5
5
5
5
5
5
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com