Electronic Components Datasheet Search
  English  ▼

X  

GL819 Datasheet(PDF) 16 Page - GENESYS LOGIC

Part # GL819
Description  USB 2.0 Generation 3 Multi-I/F Card Reader Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL819 Datasheet(HTML) 16 Page - GENESYS LOGIC

Back Button GL819 Datasheet HTML 12Page - GENESYS LOGIC GL819 Datasheet HTML 13Page - GENESYS LOGIC GL819 Datasheet HTML 14Page - GENESYS LOGIC GL819 Datasheet HTML 15Page - GENESYS LOGIC GL819 Datasheet HTML 16Page - GENESYS LOGIC GL819 Datasheet HTML 17Page - GENESYS LOGIC GL819 Datasheet HTML 18Page - GENESYS LOGIC GL819 Datasheet HTML 19Page - GENESYS LOGIC GL819 Datasheet HTML 20Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
GL819 USB 2.0 Generation 3 Multi-I/F Card Reader Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 16
CHAPTER 6
ELECTRICAL CHARACTERISTICS
6.1 Absolute Maximum Ratings
Table 6.1 - Absolute Maximum Ratings
Parameter
Value
Storage Temperature
-40°C to + 125°C
Ambient Temperature
0°C to + 70°C
Supply Voltage to Ground Potential
-0.5V to + 4.0V
DC Input Voltage to Any Pin
-0.5V to + 5.8V
6.2 Operating Conditions
Table 6.2 - Operating Conditions
Parameter
Value
Ta (Ambient Temperature Under Bias)
0°C to 70°C
Supply Voltage
+3.0V to +3.6V
Ground Voltage
0V
FOSC (Oscillator or Crystal Frequency)
12 MHz ± 0.05%
12 MHz ± 0.25% (for USB full-speed only)
6.3 DC Characteristics
Table 6.3 - DC Characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
-
3.6
V
VIH
Input High Voltage
2.0
-
3.6
V
VIL
Input Low Voltage
-0.3
-
0.8
V
II
Input Leakage current
0 < VIN < VCC
(The value is under without
the
pull-up
or
pull-down
resistance, It means it is the
value that the pin state is Hi-z)
-10
-
10
µA
VOH
Output High Voltage
2.4
-
-
V
VOL
Output Low Voltage
-
-
0.4
V
IOH
Output Current High
VDD=3.3V VOH=2.4V
-
8
-
mA
IOL
Output Current Low
VDD=3.3V VOL=0.4V
-
8
-
mA
ISUSP
Suspend current
1.5K external pull-up included -
-
450
µA
ICC
Supply current
Connect to USB with 8051
operating without the card
-
-
90
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com