Electronic Components Datasheet Search
  English  ▼

X  

GL819 Datasheet(PDF) 29 Page - GENESYS LOGIC

Part # GL819
Description  USB 2.0 Generation 3 Multi-I/F Card Reader Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL819 Datasheet(HTML) 29 Page - GENESYS LOGIC

Back Button GL819 Datasheet HTML 25Page - GENESYS LOGIC GL819 Datasheet HTML 26Page - GENESYS LOGIC GL819 Datasheet HTML 27Page - GENESYS LOGIC GL819 Datasheet HTML 28Page - GENESYS LOGIC GL819 Datasheet HTML 29Page - GENESYS LOGIC GL819 Datasheet HTML 30Page - GENESYS LOGIC GL819 Datasheet HTML 31Page - GENESYS LOGIC GL819 Datasheet HTML 32Page - GENESYS LOGIC GL819 Datasheet HTML 33Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
GL819 USB 2.0 Generation 3 Multi-I/F Card Reader Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 29
6.5.7 Secure Digital / MultiMedia Card
Normal Mode:
Clock
Input
Output
t
ODLY
f
PP
t
WL
t
ISU
t
THL
t
TLH
t
IH
t
WH
Figure 6.7 - Timing Diagram of
Secure Digital / MultiMedia Card
SD Interface Timing (CL = 30PF)
SYMBOL
PARAMETER
CLOCK RATE
UNIT
fPP
Clock frequency Data Transfer Mode
24
20
15
6
MHz
fOD
Clock frequency Identification Mode
375
375
375
375
KHz
tWL
Clock low time (min)
18
22
30
80
ns
tWH
Clock high time (min)
18
22
30
80
ns
tTLH
Clock rise time (max)
3
3
3
3
ns
tTHL
Clock fall time (max)
3
3
3
3
ns
tISU
Input set-up time (min)
5
5
5
5
ns
tIH
Input hold time (min)
5
5
5
5
ns
tODLY
Output delay time (max)
14
14
14
14
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com