Electronic Components Datasheet Search
  English  ▼

X  

TDA7421N Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7421N
Description  AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421N Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7421N Datasheet HTML 2Page - STMicroelectronics TDA7421N Datasheet HTML 3Page - STMicroelectronics TDA7421N Datasheet HTML 4Page - STMicroelectronics TDA7421N Datasheet HTML 5Page - STMicroelectronics TDA7421N Datasheet HTML 6Page - STMicroelectronics TDA7421N Datasheet HTML 7Page - STMicroelectronics TDA7421N Datasheet HTML 8Page - STMicroelectronics TDA7421N Datasheet HTML 9Page - STMicroelectronics TDA7421N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
TDA7421N
6/38
FM SECTION GLOBAL PERFORMANCES
Refer to Evaluation Circuit
– Input 98.1MHz, 40KHz dev., 1KHz mod., 60dB
µV antenna level, mono.
– MPX Output, de-enphasis 50
µs, BPF 200Hz-15KHz.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
FM ICC
Total Supply Current Including
Mixer
90
mA
S+N/N
Signal to Noise Ratio
66
dB
THD
Total Harmonic Distortion
0.3
%
VO AF
Audio Output Level
75kHz Deviation
400
mVRMS
US1
Usable Sensitivity (40dB)
antenna level at which
S+N/N = 40dB
0dB
µV
US2
Usable Sensitivity (26dB)
antenna level at which
S+N/N = 26dB
-6
dB
µV
AGCSP
AGC Starting point
55
dB
µV
AM SECTION GLOBAL PERFORMANCES
Refer to Evaluation Circuit
- Input: fc = 999KHz, f mod = 400Hz, m = 30%, 74dB
µVemf antenna level unless otherwise specified.
- Audio Output + RC BPF (BPF 20Hz - 20KHz)
∆MICC
Total supply current including
mixers
80
mA
VIN MIN
Maximum Sensitivity
∆VAF = - 20dB
13
dB
µV
(emf)
VIN US
Usable Sensitivity
S+N/N = 20dB
27
dB
µV
(emf)
∆Vis
AGC Range
∆VAF = -10dB
50
dB
S+N/N
Signal to Noise Ratio
VINRF = 74dBu
54
dB
αIMAG
Image Rejection
fim = 22.399MHz, antenna level
@ V∆F = -10dB
dB
αTw
Tweet,
∆(S+N/N)
f1 = 900KHz;f2 = 1350KHz
1.2
dB
THD
Total Harmonic Distortion
0.3
%
m = 80%
1
%
VINRF = 120dBµVemf
0.3
%
VAF
Audio Output Level
107
mVRMS
VAMST
AM IF2 Output level
105
dB
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com