Electronic Components Datasheet Search
  English  ▼

X  

TDA7421N Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7421N
Description  AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421N Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7421N Datasheet HTML 1Page - STMicroelectronics TDA7421N Datasheet HTML 2Page - STMicroelectronics TDA7421N Datasheet HTML 3Page - STMicroelectronics TDA7421N Datasheet HTML 4Page - STMicroelectronics TDA7421N Datasheet HTML 5Page - STMicroelectronics TDA7421N Datasheet HTML 6Page - STMicroelectronics TDA7421N Datasheet HTML 7Page - STMicroelectronics TDA7421N Datasheet HTML 8Page - STMicroelectronics TDA7421N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1/38
TDA7421N
August 2000
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
s
HIGH PERFORMANCE FRONT-END IC FOR
AM/FM RECEIVERS
s
FULLY INTEGRATED HIGH-SPEED PLL FOR
OPTIMIZED RDS APPLICATIONS
s
FM MPX/AM AUDIO OUTPUT, 450kHz AM IF
OUTPUT FOR STEREO AM APPLICATIONS
s
AM DOUBLE CONVERSION ARCHITECTURE
s
AM/FM STATION DETECTOR AND DIGITAL
IF-COUNTER
s
SINGLE FREQUENCY REFERENCE FOR
BOTH AM AND FM
s
FULL ELECTRICAL ADJUSTMENT
s
I
2C-BUS PROGRAMMABLE
DESCRIPTION
The TDA7421N is a high-performance tuner circuit
which integrates AM and FM sections, PLL frequency
sinthesizer and IF counter on a single chip.
Use of BICMOS technology allows the implementa-
tion of tuning functions with a minimum of external
components.Value spread of external components
can be fully compensated by means of on-chip elec-
trical adjustment controlled by external
µP.
The FM quality detection circuit, in conjunction with
the digital IF counter, enables the stop-station func-
tion in “seek” mode and MPX mute during reception.
The combination of programmable level detector and
IF counter allows reliable AM stop-station perfor-
mance.
The Automatic Gain Control (AGC) operates on dif-
ferent signal bandwidths in order to optimize sensitiv-
ity and dynamic range.
I
2C-bus controls functions such as AGC, amplifier
gains, PLL and counter settings.
TQFP64
ORDERING NUMBER: TDA7421N
PRELIMINARY DATA
AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
PIN CONNECTIONS
1
2
3
5
6
4
7
8
9
10
27
11
28 29 30 31 32
59 58 57 56
54
55
53 52 51 50 49
43
42
41
39
38
40
48
47
46
44
45
FM AGC OUT
FM RF AGC IN
FM MIX IN +
AM MIX1 IN +
AM MIX1 IN -
FM MIX IN -
XTAL D
OSC GND
VCO E
RF GND
VCO B
FM BW TC
FM MUTE DRIVE
FM SMETER AM SMETER
FM DET ADJ
FM QUAD+
FM SD AM SD
FM IF AMP2 OUT
IF1 VCC
FM LIM IN +
IF1 GND
FM LIM IN -
D98AU909
22 23 24 25 26
60
61
62
63
64
17 18 19 20 21
37
36
34
33
35
FM QUAD-
IF2 VCC
AM REF
AM BPF
AM IF2 IN
12
13
14
15
16
PLL VCC
FM RF ADJ
FM ANT ADJ
XTAL G
OSC VCC
AUDIO OUT


Similar Part No. - TDA7421N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7421 STMICROELECTRONICS-TDA7421 Datasheet
527Kb / 38P
AM/FM TUNER FOR CAR RADIO AND Hi-Fi APPLICATIONS
Jun-1998
More results

Similar Description - TDA7421N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7421 STMICROELECTRONICS-TDA7421 Datasheet
527Kb / 38P
AM/FM TUNER FOR CAR RADIO AND Hi-Fi APPLICATIONS
Jun-1998
TDA7511 STMICROELECTRONICS-TDA7511 Datasheet
792Kb / 41P
AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
Nov-2001
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
AM Tuner for Car Radio
LA1883M SANYO-LA1883M Datasheet
168Kb / 8P
Single-Chip FM/AM Tuner for Car Radio and Home Stereo Equipment?
logo
Hitachi Semiconductor
HA1199 HITACHI-HA1199 Datasheet
585Kb / 7P
AM Tuner for Car Radio
logo
STMicroelectronics
TDA7705 STMICROELECTRONICS-TDA7705_10 Datasheet
402Kb / 42P
Highly integrated tuner for AM/FM car radio
22-Mar-2010
TDA7703 STMICROELECTRONICS-TDA7703 Datasheet
211Kb / 32P
Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
TDA7705 STMICROELECTRONICS-TDA7705 Datasheet
427Kb / 42P
Highly integrated tuner for AM/FM car radio
17-Sep-2013
TDA7706 STMICROELECTRONICS-TDA7706 Datasheet
291Kb / 16P
Highly integrated tuner for AM/FM car-radio
16-Sep-2013
TDA7703R STMICROELECTRONICS-TDA7703R Datasheet
229Kb / 32P
Highly integrated tuner for AM/FM car radio
29-Jan-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com