Electronic Components Datasheet Search
  English  ▼

X  

TDA7421N Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7421N
Description  AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421N Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7421N Datasheet HTML 8Page - STMicroelectronics TDA7421N Datasheet HTML 9Page - STMicroelectronics TDA7421N Datasheet HTML 10Page - STMicroelectronics TDA7421N Datasheet HTML 11Page - STMicroelectronics TDA7421N Datasheet HTML 12Page - STMicroelectronics TDA7421N Datasheet HTML 13Page - STMicroelectronics TDA7421N Datasheet HTML 14Page - STMicroelectronics TDA7421N Datasheet HTML 15Page - STMicroelectronics TDA7421N Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
TDA7421N
12/38
Detuning Station Detector
Ref: FM Test Circuit; SEEK set to 1, HDDIS and SMDIS set to 1, measure:
- Input at VFMLIMIN, CW;
- output at VFMSD
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DSD
Detuning Station Detector
Threshold
frequency shift from 10.7MHz at
which VFMSD = 2.5V
±28
KHz
Adjacent Channel Station Detector
Ref: FM Test Circuit; SEEK set to 1, HDDIS and SMDIS set to 1, measure:
- Input at VFMLIMIN: desired 10.7MHz, 95dBµV CW; undesired 10.8MHz CW
- output at VFMSD
ACSDMAX
Adjacent Channel Detector
Maximum Sensitivity Threshold
amplitude of undesired signal at
which VFMSD = 2.5V, HDM4-0
set to 11111
92.5
dB
µV
ACSDMIN
Adjacent Channel Detector
Minimum Sensitivity Threshold
amplitude of undesired signal at
which VFMSD = 2.5V, HDM4-0
set to 00000
94.9
dB
µV
AM Mixer 1
Ref: AM Test Circuit, measure input at VMIX1AMIN, output at VMIXOUT
RIN,MIX1
Input Resistance
1.2
K
Ω
GMIX1
Conversion Gain
fIN = 1MHz
7.6
dB
IP3MIX1
3rd Order Intermodulation
Distortion Intercept Point
fd = 1MHz; fu1 = 1.1MHz;
fu2 = 1.2MHz
131
dB
µV
CP1MIX1
1dB Compression Point
fIN = 1MHz
110
dB
µV
CAdj1
Value of the minimum adjusting
capacitance step
T1A3-0 set to 1000
0.38
pF
AM Wide & Narrow AGC
Ref: AM Test Circuit; measure input at VMIX1AMIN and VMIX2AMIN, output at VAMAGC1AMP and VAMAGC1PIN
VWAGCMIN
Open Loop WIDE AGC
Minimum Starting Point
fWAGCIN = 999kHz, AAGW1-0
set to 11; VMIX1AMIN at which
VAMAGC1AMP = 2.5V
95
dB
µV
VWAGCMAX
Open Loop WIDE AGC
Maximum Starting Point
fWAGCIN = 999kHz, AAGW1-0
set to 00; VMIX1AMIN at which
VAMAGC1AMP = 2.5V
101
dB
µV
VNAGCMIN
Open Loop NARROW AGC
Minimum Starting Point
fNAGCIN = 10.7MHz, AAGN1-0
set to 11; VMIX2AMIN at which
VAMAGC1AMP = 2.5V
81
dB
µV
VNAGCMAX
Open Loop NARROW AGC
Maximum Starting Point
fNAGCIN = 10.7MHz, AAGN3-0
set to 00; VMIX2AMIN at which
VAMAGC1AMP = 2.5V
87
dB
µV
ROUTAMAGC1 Output Resistance
23.3
K
Ω
IAMAGC1PIN Maximum Antenna Attenuation
Diode Current
fWAGCIN = 999kHz; VMIX1AMIN =
120dB
µV; AAGW1-0 set to 00
1.4
mA
ELECTRICAL CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com