Electronic Components Datasheet Search
  English  ▼

X  

TDA7421N Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7421N
Description  AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421N Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7421N Datasheet HTML 1Page - STMicroelectronics TDA7421N Datasheet HTML 2Page - STMicroelectronics TDA7421N Datasheet HTML 3Page - STMicroelectronics TDA7421N Datasheet HTML 4Page - STMicroelectronics TDA7421N Datasheet HTML 5Page - STMicroelectronics TDA7421N Datasheet HTML 6Page - STMicroelectronics TDA7421N Datasheet HTML 7Page - STMicroelectronics TDA7421N Datasheet HTML 8Page - STMicroelectronics TDA7421N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
3/38
TDA7421N
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
PIN DESCRIPTION
Symbol
Parameter
Value
Unit
Tamb
Operating Temperature Range
-40 to 85
°C
Tstg
Storage Temperature Range
-55 to 150
°C
VCC
Analog Supply Voltages (PLL, RF, IF1, IF2, OSC)
10.2
V
VDD
Digital Supply Voltage
5.5
V
Symbol
Parameter
Typ. Value
Unit
Rth j-amb, fa
Thermal Resistance Junction-Ambient, Free Air
68
°C/W
Rth j-amb, sol
Thermal Resistance Junction-Ambient, Soldered
55
°C/W
N.
Name
Function
1
AM MIX1 IN -
AM 1st mixer negative input (differential -)
2
AM MIX1 IN +
AM 1st mixer positive input (differential +)
3
FM MIX1 IN -
FM mixer negative input (differential -)
4
FM MIX1 IN +
FM mixer positive input (differential +)
5
FM RF AGC IN
RF AGC input
6
FM AGC OUT
FM AGC output voltage
7
RF GND
RF ground
8
VCO B
Local oscillator input to the transistor base
9
VCO E
Local oscillator input to the transistor emitter
10
OSC GND
Oscillator ground
11
XTAL D
Crystal oscillator MOS amplifier output
12
XTAL G
Crystal oscillator MOS amplifier input
13
OSC VCC
Oscillator positive supply
14
FM ANT ADJ
Tuning varicap voltage for antenna FM filter
15
FM RF ADJ
Tuning varicap voltage for RF FM filter
16
PLL VCC
PLL positive supply
17
LP OUT
Op Amp output to PLL loop filters
18
LP IN1
FM loop filter connection to op-amp inverting input
19
LP IN2
AM loop filter connection to op-amp inverting input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com