Electronic Components Datasheet Search
  English  ▼

X  

TDA7421N Datasheet(PDF) 35 Page - STMicroelectronics

Part # TDA7421N
Description  AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421N Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TDA7421N Datasheet HTML 30Page - STMicroelectronics TDA7421N Datasheet HTML 31Page - STMicroelectronics TDA7421N Datasheet HTML 32Page - STMicroelectronics TDA7421N Datasheet HTML 33Page - STMicroelectronics TDA7421N Datasheet HTML 34Page - STMicroelectronics TDA7421N Datasheet HTML 35Page - STMicroelectronics TDA7421N Datasheet HTML 36Page - STMicroelectronics TDA7421N Datasheet HTML 37Page - STMicroelectronics TDA7421N Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
35/38
TDA7421N
7.10 FM HOLE DETECTOR / FM DETUNING DETECTOR (subaddress 08H)
MSB
LSB
FUNCTION
BWM2
BWM1
BWM0
HDM4
HDM3
HDM2
HDM1
HDM0
BW
Slope
30kHz
BW
Slope
15kHz
BW
Slope
10kHz
Hole det
MSB
Hole det Hole det Hole det Hole det
LSB
MUTING SENSITIVITY(hole
depth)
00000
Minimum (deep hole)
XXXXX
11111
Maximum (shallow hole)
all combinations allowed
RECEPTION
DETUNING MUTE RANGE (KHz)
001
10
010
15
100
30
all else not allowed
SEEK
CLAMPING WINDOW
0
0
X
Not allowed
0
1
0
Faster Clamping Window
(±1KHz over Threshold)
XXX
1
1
1
Slower Clamping Window
(±4KHz over Threshold)
all combinations allowed
7.11 TUNER TESTING (subaddress 9H)
MSB
LSB
FUNCTION
PLL
TEST
T2
T1
T0
SDDIS
BWDIS
HDDIS
SMDIS
Test
mode
PLL
Test
mode
MSB
Test
mode
Test
mode
LSB
SD
output
Disable
Bandwid
th
Disable
Hole
detector
Disable
Soft
Mute
Disable
00000000
no test
TEST MODES
1
1
0
Soft Mute Test
1
0
1
Hole Detector Test
0
1
1
Bandwidth Test
1
1
1
Audio Mute and SD Disabled
all else not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com