Electronic Components Datasheet Search
  English  ▼

X  

TDA7421N Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7421N
Description  AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421N Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7421N Datasheet HTML 5Page - STMicroelectronics TDA7421N Datasheet HTML 6Page - STMicroelectronics TDA7421N Datasheet HTML 7Page - STMicroelectronics TDA7421N Datasheet HTML 8Page - STMicroelectronics TDA7421N Datasheet HTML 9Page - STMicroelectronics TDA7421N Datasheet HTML 10Page - STMicroelectronics TDA7421N Datasheet HTML 11Page - STMicroelectronics TDA7421N Datasheet HTML 12Page - STMicroelectronics TDA7421N Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9/38
TDA7421N
FM IF Amplifier 1
Ref: FM Test Circuit, measure input at VFMAMP1IN, output at VFMAMP1OUT
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
RIN,AMP1
Input Resistance
330
ROUT,AMP1
Output Resistance
330
GAMP1
Typical Gain
fIN = 10.7MHz
18.5
dB
IP3AMP1
3rd Order Intermodulation
Distortion Intercept Point
fd = 10.7MHz; fu1= 10.8MHz;
fu2= 10.9MHz;
FBH3-0 set to 0100
dB
µV
CP1AMP1
1dB Compression Point
fIN = 10.7MHz;
FBH3-0 set to 0100
dB
µV
FM IF Amplifier 2
Ref: FM Test Circuit, measure input at VFMAMP2IN, output at VFMAMP2OUT
RIN,AMP2
Input Resistance
f = 10.7MHz
330
ROUT,AMP2
Output Resistance
f = 10.7MHz
330
GMIN,AMP2
Minimum Gain
fIN = 10.7MHz, FBL1-0 set to 01
6
dB
GMAX,AMP2 Maximum Gain
fIN = 10.7MHz, FBL1-0 set to 00
10
dB
IP3AMP2
3rd Order Intermodulation
Distortion Intercept Point
fd = 10.7MHz; fu1= 10.8MHz;
fu2= 10.9MHz;
FBL3-0 set to 0100
dB
µV
CP1AMP2
1dB Compression Point
fIN = 10.7MHz;
FBL3-0 set to 0100
dB
µV
FM Limiter, Field Strengh Meter and Demodulator
Ref: FM Test circuit, measure:
- Input at VFMLIMIN, fIN = 10.7MHz
- FS Meter output at VFMSMETER (FMADJ set to 0, FSL4-0 set to 00000)
- demodulator adjustment output at VFSMETER (FMADJ set to 1)
RIN,LIM
Limiter Input Resistance
330
GLIM
Limiter Gain
90
dB
LS
Limiting Sensitivity
23
dB
µv
SM1
Smeter 1
VFMLIMIN = 40dBµV
1.1
V
SM2
Smeter 2
VFMLIMIN = 60dBµV
2.3
V
SM3
Smeter 3
VFMLIMIN = 80dBµV
3.7
V
SM4
Smeter 4
VFMLIMIN = 100dBµV
4.9
V
SMMINSHIFT Smeter Minimum Shift Voltage
VFMLIMIN = 70dBµV;
FSL4-0 set to 00000
0.0
V
SMMAXSHIFT Smeter Maximum Shift Voltage
VFMLIMIN = 70dBµV;
FSL4-0 set to 11111
1.5
V
ELECTRICAL CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com