Electronic Components Datasheet Search
  English  ▼

X  

TDA7421N Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7421N
Description  AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421N Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7421N Datasheet HTML 6Page - STMicroelectronics TDA7421N Datasheet HTML 7Page - STMicroelectronics TDA7421N Datasheet HTML 8Page - STMicroelectronics TDA7421N Datasheet HTML 9Page - STMicroelectronics TDA7421N Datasheet HTML 10Page - STMicroelectronics TDA7421N Datasheet HTML 11Page - STMicroelectronics TDA7421N Datasheet HTML 12Page - STMicroelectronics TDA7421N Datasheet HTML 13Page - STMicroelectronics TDA7421N Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
TDA7421N
10/38
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
GDEM
Demodulator Conversion Gain
VFMLIMIN > LS
2
mVRMS/
KHz
GDEMADJ
Demodulator Adjustment
Conversion Gain
VFMLIMIN > LS
14
mVRMS/
KHz
CAdjDem
Value of the minimum adjusting
capacitance step
DEM6-0 set to 0000001
50
fF
FM Audio Amplifier
Ref: FM Test circuit, VFMLIMIN, = 95dBµV, fIN = 10.7MHz; measure:
- MPX output at VAUDIO, BPF 200Hz to 15KHz, 50µs de-emphasis.
- muting voltage at VMUTE, DRIVE
VMUTE
Mute Voltage
VMUTE,DRIVE for which
∆VAF = -11.5dB;
AUM1-0 set to 11
2V
VPLAY
Play Voltage
VMUTE,DRIVE for which
∆VAF = -1dB, AUM1-0 set to 11
0.3
V
GAMP,PLAY
Audio Amplifier Gain in Play
Conditions
VMUTE,DRIVE < VPLAY
9dB
MUTEATTMIN Minimum Mute Attenuation
VMUTE,DRIVE > VMUTE;
AUM1-0 set to 00
-5
dB
MUTEATTMAX Maximum Mute Attenuation
VMUTE,DRIVE > VMUTE;
AUM1-0 set to 11
-12.5
dB
VAF
AF Output Level
fDEV = 75KHz, FMOD = 1KHz,
VMUTE,DRIVE < VMUTE
400
mVRMS
THD
AF Total Harmonic distortion
fDEV = 40KHz, FMOD = 1KHz,
VMUTE,DRIVE < VMUTE
0.3
%
S+N/N
AF Signal to Noise Ratio
fDEV = 40KHz, FMOD = 1KHz,
VMUTE,DRIVE < VMUTE
80
dB
AMR
Amplitude Modulation Rejection
AM modulation depht 30%,
fMOD = 1KHz, with respect to FM
modulated signal with fDEV =
40KHz, VMUTE,DRIVE < VMUTE
67
dB
AUDIOcurr
Output Current Capability
5
mA
MUTE Rout Mute Drive Output Resistance
1
K
Ω
FM QUALITY DETECTORS
Field Strength Detector
Ref: FM Test Circuit, HDDIS and BWDIS set to 1, measure:
- Input at VFMLIMIN, fIN = 10.7MHz, CW
- output at VMUTE,DRIVE
FSDMIN
Field Strength Detector
Minimum Threshold
VFMLIMIN level at which
VMUTE,DRIVE = VMUTE, FSM3-0
set to 0000
dB
µV
ELECTRICAL CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com