Electronic Components Datasheet Search
  English  ▼

X  

ADAM27P16 Datasheet(PDF) 13 Page - ABOV Semiconductor Co., Ltd.

Part # ADAM27P16
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABOV [ABOV Semiconductor Co., Ltd.]
Direct Link  https://www.abov.co.kr/kr/main.php
Logo ABOV - ABOV Semiconductor Co., Ltd.

ADAM27P16 Datasheet(HTML) 13 Page - ABOV Semiconductor Co., Ltd.

Back Button ADAM27P16 Datasheet HTML 9Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 10Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 11Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 12Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 13Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 14Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 15Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 16Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 17Page - ABOV Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Page 12 of 38
2.2. Address Register
The following registers are used to address the ROM.
• Block address register (BA) :
Holds ROM's Block number (0~1h) to be addressed.
• Block buffer register (BB) :
Value of BB is loaded by an LBBY command when newly addressing a block.
Then it is shifted into the BA when rightly executing a branch instruction (BR)
and a subroutine call (CAL).
• Page address register (PA) :
Holds ROM's page number (0~Fh) to be addressed.
• Page buffer register (PB) :
Value of PB is loaded by an LPBI command when newly addressing a page.
Then it is shifted into the PA when rightly executing a branch instruction (BR)
and a subroutine call (CAL).
• Program counter (PC) :
Available for addressing word on each page.
• Stack register (SR) :
Stores returned-word address in the subroutine call mode.
ADAM27PXX
2. Architecture
2.2.1. Block address register and Block buffer register :
Address one of block #0 to #1 in the ROM by the 1-bit register.
Unlike the program counter, the block address register is not changed automatically.
To change the block address, take two steps such as
(1) writing in the block buffer what block to jump (execution of LBBY) and
(2) execution of BR or CAL, because instruction code is of eight bits so that block
can not be specified at the same time.
In case a return instruction (RTN) is executed within the subroutine that has been
called in the other block, the block address will be changed at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com