Electronic Components Datasheet Search
  English  ▼

X  

ADAM27P16 Datasheet(PDF) 7 Page - ABOV Semiconductor Co., Ltd.

Part # ADAM27P16
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABOV [ABOV Semiconductor Co., Ltd.]
Direct Link  https://www.abov.co.kr/kr/main.php
Logo ABOV - ABOV Semiconductor Co., Ltd.

ADAM27P16 Datasheet(HTML) 7 Page - ABOV Semiconductor Co., Ltd.

Back Button ADAM27P16 Datasheet HTML 3Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 4Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 5Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 6Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 7Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 8Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 9Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 10Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 11Page - ABOV Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Page 6 of 38
ADAM27PXX
1. Overview
1.7. Electrical Characteristics
* Thermal derating above 25℃ : 6mW per degree ℃ rise in temperature.
1.7.1. Absolute Maximum Ratings (Ta = 25℃)
Parameter
Symbol
Max. rating
Unit
Supply Voltage
VDD
-0.3 ~ 5.0
V
Power dissipation
PD
700
*
㎽
Input voltage
VIN
-0.3 ~ VDD+0.3
V
Output voltage
VOUT
-0.3 ~ VDD+0.3
V
Storage Temperature
TSTG
-65 ~ 150
℃
1.7.2. Recommended operating condition
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Supply Voltage
VDD
fOSC = 3.64MHz
1.8
-
3.6
V
Oscillation Frequency
fOSC
VDD=2.0 ~ 3.6V
Temp. = 0 ~ 40℃
3.604
3.802
3.421
(-1%)
3.640
3.840
3.456
3.676
3.878
3.491
(+1%)
MHz
VDD=2.0 ~ 3.6V
Temp. = -20 ~ 70℃
3.585
3.782
3.404
(-1.5%)
3.640
3.840
3.456
3.695
3.898
3.508
(+1.5%)
MHz
VDD=1.8 ~ 3.6V
Temp. = -20 ~ 70℃
3.567
3.763
3.387
(-2.0%)
3.640
3.840
3.456
3.713
3.917
3.525
(+2.0%)
MHz
Operating temperature
Topr
-
-20
-
70
℃
1.7.3. DC Characteristics (Ta = 25℃, VDD=3V)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Input H current
IIH
-
-
1
㎂
VI=VDD
Input Pull-up Resistance
RPU
90
150
210
㏀
VI=GND
Input H voltage
VIH
2.1
-
-
V
-
Input L voltage
VIL
-
-
0.9
V
-
Output L Current
IOL2
-
10
-
㎃
VOL=0.6V
ROUT output L current
IOL1
-
250
-
㎃
VOL=0.3V
ROUT leakage current
IOLK1
-
-
1
㎂
VOUT=VDD, Output off
Output leakage current
IOLK2
-
-
1
㎂
VOUT=VDD, Output off
Current on STOP mode
ISTP
-
-
1.0
㎂
At STOP mode
Operating supply current
IDD
-
0.5
1.0
㎃
fOSC = 3.64MHz
Note) The internal Oscillator is calibrated using the Rom-writer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com