Electronic Components Datasheet Search
  English  ▼

X  

ADAM27P16 Datasheet(PDF) 3 Page - ABOV Semiconductor Co., Ltd.

Part # ADAM27P16
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABOV [ABOV Semiconductor Co., Ltd.]
Direct Link  https://www.abov.co.kr/kr/main.php
Logo ABOV - ABOV Semiconductor Co., Ltd.

ADAM27P16 Datasheet(HTML) 3 Page - ABOV Semiconductor Co., Ltd.

  ADAM27P16 Datasheet HTML 1Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 2Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 3Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 4Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 5Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 6Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 7Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 8Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 9Page - ABOV Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Page 2 of 38
1.2. Block Diagram
ADAM27PXX
1. Overview
ROUT
VDD
GND
ADAM27
Core
RAM
(32 nibble)
Watchdog
Timer
Carry Generator
Key Scan
&
Input
Clock Gen.
&
System
Control
ROM
(2K bytes x 1)
(1K bytes x 2)
K
Port
K0~K3
R0~R2
P0~P3
K0 ~ K3
Internal RC
Oscillator
(3.64MHz)
R
Port
P
Port
CS
Port
R0 ~ R2
P0 ~ P3
CS0 ~ CS1
1.3. Pin Assignments ( top view )
VDD
ROUT
CS0
P3
P2/ [SDA]
ADAM27P16
(16-SOP)
16
15
14
13
1
2
3
4
GND
CS1
K0
[SCK] /K1
K2
5
6
7
8
12
11
10
9
K3
[VPP] /R0
R1
P1
P0
R2
VDD
ROUT
CS0
P2/ [SDA]
ADAM27P08
(8-SOP)
8
7
6
5
1
2
3
4
GND
[SCK] /K1
[VPP] /R0
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com