Electronic Components Datasheet Search
  English  ▼

X  

ADAM27P16 Datasheet(PDF) 38 Page - ABOV Semiconductor Co., Ltd.

Part # ADAM27P16
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABOV [ABOV Semiconductor Co., Ltd.]
Direct Link  https://www.abov.co.kr/kr/main.php
Logo ABOV - ABOV Semiconductor Co., Ltd.

ADAM27P16 Datasheet(HTML) 38 Page - ABOV Semiconductor Co., Ltd.

Back Button ADAM27P16 Datasheet HTML 31Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 32Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 33Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 34Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 35Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 36Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 37Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 38Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 39Page - ABOV Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
Page 37 of 38
ADAM27PXX
Appendix
OTP Programming
SYMBOL
User Mode
OTP Mode
VDD
Power
VDD Power (typ. 5.0V)
GND
Ground
Ground (0V)
VPP
General port
Program/Verify Power (typ. 11.5V)
SCK
General port
Serial Clock Input (open drain)
SDA
General port
Serial Data input/output (Open drain output)
ADAM27P16 (16SOP) Pin Assignments
ADAM27P16
(16 SOP)
3
4
5
6
7
8
2
1
10
9
11
12
14
13
15
16
K1
R0
K2
R1
GND
CS1
K0
K3
CS0
P3
P2
R2
P1
P0
VDD
ROUT
SDA
VDD
GND
SCK
VPP
ADAM27P08
(8 SOP)
3
4
2
1
6
5
7
8
R1
GND
K1
R0
CS0
P2
VDD
ROUT
GND
SCK
VPP
VDD
SDA
ADAM27P08 (8SOP) Pin Assignments
DATA
: SDA (1bit I/O)
CLOCK : SCK (1bit I/O)
VPP
: VPP (1bit I/O)
Power
: VDD, GND
N.C pin : don’t care
Pin count is 5pin : 3pin + power(2pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com