Electronic Components Datasheet Search
  English  ▼

X  

ADAM27P16 Datasheet(PDF) 17 Page - ABOV Semiconductor Co., Ltd.

Part # ADAM27P16
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABOV [ABOV Semiconductor Co., Ltd.]
Direct Link  https://www.abov.co.kr/kr/main.php
Logo ABOV - ABOV Semiconductor Co., Ltd.

ADAM27P16 Datasheet(HTML) 17 Page - ABOV Semiconductor Co., Ltd.

Back Button ADAM27P16 Datasheet HTML 13Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 14Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 15Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 16Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 17Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 18Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 19Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 20Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 21Page - ABOV Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Page 16 of 38
2.9. Pulse Generator
The following frequency and duty ratio are selected for carrier signal outputted from
the ROUT port depending on a PMR (Pulse Mode Register) value set in a program.
Default value is `0`
Table 2-2 PMR selection table
T
T1
2.10. Reset Operation
ADAM27PXX has three reset sources. One is a built-in Low VDD Detection circuit,
another is the overflow of Watch Dog Timer (WDT), the other is the overflow of Stack.
All reset operations are internal in the ADAM27PXX.
ADAM27PXX
2. Architecture
- Remout Pin Circuit
Pulse generator
1
Remout
- Waveform with carrier
Carrier generated on PMR
DATA(1 or 0)
REMOUT
1
+
AND
Data
Carrier
Generator
STOP
PMR
ROUT Signal
Carrier Frequency
(fosc = 3.64MHz)
Carrier Frequency
(fosc = 3.84MHz)
Carrier Frequency
(fosc = 3.456MHz)
0
T = 1/fPUL = [ 96/fOSC ],
T1/T = 1/2
37.92 kHz
40 kHz
36 kHz
1
T = 1/fPUL = [ 96/fOSC ],
T1/T = 1/3
37.92 kHz
40 kHz
36 kHz
2
T = 1/fPUL = [ 64/fOSC ],
T1/T = 1/2
56.88 kHz
60 kHz
54 kHz
3
T = 1/fPUL = [ 64/fOSC ],
T1/T = 1/4
56.88 kHz
60 kHz
54 kHz
4
T = 1/fPUL = [ 88/fOSC ],
T1/T = 4/11
41.36 kHz
43.63 kHz
39.27 kHz
5
No Pulse (same to P0~P3)
-
-
-
6
T = 1/fPUL = [ 101/fOSC ],
T1/T = 34/101
36.04 kHz
38.02 kHz
34.22 kHz
7
T = 1/fPUL = [ 91/fOSC ],
T1/T = 46/91
40.00 kHz
42.2 kHz
37.98kHz
On Writer, Select Device as
27P16
27P16_40kHz
27P16_36kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com