Electronic Components Datasheet Search
  English  ▼

X  

ADAM27P16 Datasheet(PDF) 5 Page - ABOV Semiconductor Co., Ltd.

Part # ADAM27P16
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABOV [ABOV Semiconductor Co., Ltd.]
Direct Link  https://www.abov.co.kr/kr/main.php
Logo ABOV - ABOV Semiconductor Co., Ltd.

ADAM27P16 Datasheet(HTML) 5 Page - ABOV Semiconductor Co., Ltd.

  ADAM27P16 Datasheet HTML 1Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 2Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 3Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 4Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 5Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 6Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 7Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 8Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 9Page - ABOV Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Page 4 of 38
ADAM27PXX
1. Overview
1.5. Pin Function
PIN
NAME
INPUT
OUTPUT
FUNCTION
@RESET
@STOP
K0 ~ K3
R0 ~ R2
I/O
-. 4-bit I/O port. (Input mode is set only when each of
them output `H`)
-. Each pin has STOP mode release function
in input mode.
-. Output mode is set when each of them output `L`.
-. When used as `output`, each pin can be set and
reset independently.
-. When set as the input mode, input state of pin is
read. At output mode, if port is read, data register
is read instead of the state of pin.
Input
(with Pull-up)
Key-Strobe
(at T-key Scan)
or
Keep status
Before STOP
(at M-key Scan)
P0 ~ P3
I/O
-. 4-bit I/O port. (Input mode is set only when each of
them output `H`)
-. Each pin has STOP mode release function
in input mode.
-. Output mode is set when each of them output `L`.
-. When used as `output`, each pin can be set and
reset independently.
-. When T-key Scan is disabled, P0~P3 are forcibly
Low output at STOP mode.
-. When set as the input mode, input state of pin is
read. At output mode, if port is read, data register
is read instead of the state of pin.
Input
(with Pull-up)
Key-Strobe
(at T-key Scan)
or
Low
(at M-key Scan)
CS0~CS1
I/O
-. 2-bit I/O port. (Input mode is set only when each of
them output `H` and pull-up is enabled.)
-. Pull-ups can be enabled by user program.
-. Output mode is set when each of them output `L`,
or when it’s pull-up is disabled.
-. When used as `output`, each pin can be set and
reset independently.
-. When set as the input mode, input state of pin is
read. At output mode, if port is read, data register
is read instead of the state of pin.
Hi-Z
Keep status
before STOP
ROUT
Output
-. High Current Pulse Output.
-. N-ch open drain output.
Hi-Z
Hi-Z
VDD
Power
-. Positive power supply.
-
-
GND
Power
-. Ground
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com