Electronic Components Datasheet Search
  English  ▼

X  

ADAM27P16 Datasheet(PDF) 19 Page - ABOV Semiconductor Co., Ltd.

Part # ADAM27P16
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABOV [ABOV Semiconductor Co., Ltd.]
Direct Link  https://www.abov.co.kr/kr/main.php
Logo ABOV - ABOV Semiconductor Co., Ltd.

ADAM27P16 Datasheet(HTML) 19 Page - ABOV Semiconductor Co., Ltd.

Back Button ADAM27P16 Datasheet HTML 15Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 16Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 17Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 18Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 19Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 20Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 21Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 22Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 23Page - ABOV Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Page 18 of 38
ADAM27PXX
2. Architecture
2.13. STOP Operation
Stop mode can be achieved by STOP instructions.
In stop mode :
1. Oscillator is stopped, the operating current is low.
2. Watch dog timer is reset and ROUT output is `High-Z` .
3. Part other than WDT and ROUT output have a value before come into stop mode.
4. P0~P3 are outputted successively T-Key Scan when T-Key Scan mode is
enabled, but when M-Key Scan mode is enabled, they output Low.
5. All of K, R is outputted successively T-Key Scan when T-Key Scan mode is
enabled, but when M-Key Scan mode is enabled, It keeps the status before STOP. .
6. At T-Key Scan mode, before entering the STOP mode, All of K, R and P must be
set the input mode with pull-up.
Stop mode is released when one of K or R or P input is going to `Low`.
When stop mode released :
1. State of K, R, P output and ROUT output is return to state of before stop mode
is achieved.
2. After 8×6×210/fOSC time for stable oscillating, first instruction start to operate.
3. In return to normal operation, WDT is counted from zero.
When executing stop instruction, if any one of K,R,P input is `Low` state, stop instruction
is same to NOP instruction.
2.14. Port Operation
Value of
X-reg
Value of
Y-reg
Operation
0 or 1
0h~3h
SO : K[Y]  1 (Pull-up)
RO : K[Y]  0
4h~7h
SO : R[Y-4]  1 (Pull-up)
RO : R[Y-4]  0
2 or 3
0h~3h
SO : P[Y]  1 (Pull-up)
RO : P[Y]  0
4h~7h
SO : CS[Y-4]  1 (Pull-up or Hi-Z)
RO : CS[Y-4]  0
0 or 1
or 2
or 3
8h
SO : ROUT(PMR)  0
RO : ROUT  1 (High-Z)
9h
SO : All of P, CS  1
RO : All of P, CS  0
Ah~Bh
SO : CS[Y-10]  Pull-up disable
RO : CS[Y-10]  Pull-up enable
Eh
SO : T-Key Scan enable
RO : M-Key Scan enable
Fh
SO : All of K,R,P,CS  1
RO : All of K,R,P,CS  0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com