Electronic Components Datasheet Search
  English  ▼

X  

ADAM27P16 Datasheet(PDF) 18 Page - ABOV Semiconductor Co., Ltd.

Part # ADAM27P16
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABOV [ABOV Semiconductor Co., Ltd.]
Direct Link  https://www.abov.co.kr/kr/main.php
Logo ABOV - ABOV Semiconductor Co., Ltd.

ADAM27P16 Datasheet(HTML) 18 Page - ABOV Semiconductor Co., Ltd.

Back Button ADAM27P16 Datasheet HTML 14Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 15Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 16Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 17Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 18Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 19Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 20Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 21Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 22Page - ABOV Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Page 17 of 38
2.11. Built-in Low VDD Reset Circuit
ADAM27PXX has a Low VDD detection circuit.
If VDD becomes Reset Voltage of Low VDD detection circuit in a active status,
system reset occur and WDT is cleared.
When VDD is increased over Reset Voltage again, WDT is re-counted until WDT
overflow, system reset is released.
Fig 2-3 Low Voltage Detection Timing Chart.
VDD
Reset Voltage
about 108msec at fOSC = 3.64MHz
Internal
RESETB
2.12. Watch Dog Timer (WDT)
Watch dog timer is organized binary of 14 steps. The signal of fOSC/48 cycle comes
in the first step of WDT after WDT reset. If this counter was overflowed, reset
signal automatically comes out so that internal circuit is initialized.
The overflow time is 8×6×213/fOSC (108.026ms at fOSC = 3.64MHz)
Normally, the binary counter must be reset before the overflow by using reset
instruction (WDTR), Power-on reset pulse or Low VDD detection pulse.
* It is constantly reset in STOP mode. When STOP is released, counting is
restarted. ( Refer to 2.14. STOP Operation)
Fig 2-4 Block Diagram of Watch-dog Timer
Binary counter(14 steps)
Reset by instruction
(WDTR)
fOSC/48
Power-On Reset
Stop Mode
1 2 3 4 5 6 7 8 9 10 11 12 13 14
CPU reset
1
RESET (
edge-trigger)
ADAM27PXX
2. Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com