Electronic Components Datasheet Search
  English  ▼

X  

ADAM27P16 Datasheet(PDF) 22 Page - ABOV Semiconductor Co., Ltd.

Part # ADAM27P16
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABOV [ABOV Semiconductor Co., Ltd.]
Direct Link  https://www.abov.co.kr/kr/main.php
Logo ABOV - ABOV Semiconductor Co., Ltd.

ADAM27P16 Datasheet(HTML) 22 Page - ABOV Semiconductor Co., Ltd.

Back Button ADAM27P16 Datasheet HTML 18Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 19Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 20Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 21Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 22Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 23Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 24Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 25Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 26Page - ABOV Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Page 21 of 38
ADAM27PXX
3. Instruction
Note) i = 0~f, n = 0~3, a = 6bit PC Address
*1 Column ST indicates conditions for changing status. Symbols have the following
meanings
S : On executing an instruction, status is unconditionally set.
C : Status is only set when carry or borrow has occurred in operation.
B : Status is only set when borrow has not occurred in operation.
E : Status is only set when equality is found in comparison.
N : Status is only set when equality is not found in comparison.
Z : Status is only set when the result is zero.
*2 Refer to 2.14. Port Operation.
Category
28
29
30
Arithmetic
DY
EORM
NEGA
Mnemonic
Y ← Y - 1
Function
B
S
Z
ST*1
A ← A + M (X,Y)
A ← A + 1
31
32
Comparison
ALEM
ALEI i
TEST A ≤ M(X,Y)
TEST A ≤ i
E
E
33
34
MNEZ
YNEA
TEST M(X,Y) ≠ 0
TEST Y ≠ A
N
N
35
YNEI i
TEST Y ≠ i
N
36
37
Input /
Output
LAK
LAR
A ← K (if X1=0), A ← P (if X1=1)
A ← R (if X1=0), A ← CS (if X1=1)
S
S
38
39
SO
RO
Output(Y) ← 1*2
Output(Y) ← 0*2
S
S
40
41
Control
WDTR
STOP
Watch Dog Timer Reset
Stop operation
S
S
42
43
LPY
NOP
PMR ← Y
No operation
S
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com