Electronic Components Datasheet Search
  English  ▼

X  

HF88S05 Datasheet(PDF) 1 Page - King blillion Electronics Co.,Ltd.

Part # HF88S05
Description  command mode SRAM device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88S05 Datasheet(HTML) 1 Page - King blillion Electronics Co.,Ltd.

  HF88S05 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HF88S05
SRAM Series
December 18, 2003
1
V1.00
This specification is subject to change without notice. Please contact sales person for the latest version before use.
– Table of Contents –
1.
General Description____________________________________________________________ 2
2.
Features _____________________________________________________________________ 2
3.
Pin Description _______________________________________________________________ 3
4.
Pad Diagram & Coordinates _____________________________________________________ 4
5.
Function Block Diagram________________________________________________________ 5
6.
Parallel Mode_________________________________________________________________ 6
6.1. Parallel Write Command Mode ___________________________________________________ 6
6.2. Parallel Write Data Mode _______________________________________________________ 6
6.3. Parallel Read Data Mode _______________________________________________________ 7
6.4. Parallel Checksum Read Mode ___________________________________________________ 7
7.
Serial Mode __________________________________________________________________ 7
7.1. Bi-directional Synchronous Serial Data Interface ____________________________________ 7
7.2. Serial Command Write Mode ____________________________________________________ 8
7.3. Serial Data Write Mode _________________________________________________________ 8
7.4. Serial Data Read Mode _________________________________________________________ 9
7.5. Serial Command Read Mode____________________________________________________ 10
8.
Power consideration___________________________________________________________ 10
9.
Absolute Maximum Rating _____________________________________________________ 11
10. AC Electrical Characteristics ___________________________________________________ 11
11. Electrical Characteristics ______________________________________________________ 11
12. Application Circuit____________________________________________________________ 12
13. Update History _______________________________________________________________ 13


Similar Part No. - HF88S05

ManufacturerPart #DatasheetDescription
logo
King blillion Electroni...
HF88M02 KB-HF88M02 Datasheet
310Kb / 19P
256K x 8 bit Mask ROM
HF88M04 KB-HF88M04 Datasheet
309Kb / 19P
512K x 8 bit Mask ROM
HF88M08 KB-HF88M08 Datasheet
308Kb / 19P
512K x 8 bit Mask ROM
HF88M32B KB-HF88M32B Datasheet
365Kb / 15P
command interfaced 4M x 8 bit Mask ROM
More results

Similar Description - HF88S05

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C1700 GENERAL-C1700 Datasheet
60Kb / 1P
COMMAND SERIES
C1701 GENERAL-C1701 Datasheet
60Kb / 1P
COMMAND SERIES
C1702 GENERAL-C1702 Datasheet
59Kb / 1P
COMMAND SERIES
C1703 GENERAL-C1703 Datasheet
59Kb / 1P
COMMAND SERIES
C1704 GENERAL-C1704 Datasheet
60Kb / 1P
COMMAND SERIES
C1707 GENERAL-C1707 Datasheet
60Kb / 1P
COMMAND SERIES
C1800 GENERAL-C1800 Datasheet
60Kb / 1P
COMMAND SERIES
C1801 GENERAL-C1801 Datasheet
60Kb / 1P
COMMAND SERIES
C1803 GENERAL-C1803 Datasheet
60Kb / 1P
COMMAND SERIES
logo
Keysight Technologies
COMMANDEXPERT KEYSIGHT-COMMANDEXPERT Datasheet
2Mb / 9P
Command Expert
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com