Electronic Components Datasheet Search
  English  ▼

X  

HF88S05 Datasheet(PDF) 12 Page - King blillion Electronics Co.,Ltd.

Part # HF88S05
Description  command mode SRAM device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88S05 Datasheet(HTML) 12 Page - King blillion Electronics Co.,Ltd.

Back Button HF88S05 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HF88S05
SRAM Series
December 18, 2003
12
V1.00
This specification is subject to change without notice. Please contact sales person for the latest version before use.
12.Application Circuit
The application circuit diagram shows one of the KB’s MCU uses two HF88S05 as expansion RAMs.
Please note that the SDO pin of the first device drive SDI pin of the second device and only one device
select pin DEV1 is used to select between one of the two devices. The P_Sn pins are tied to ground
operate at serial mode.
LCD Panel
LCDPANEL
Phone Interface
PHONE
AVDD
AVDD
AVDD
VDD
VDD
VDD
VDD
AGND
AGND
AGND
VDD
VDD
OPO
RNGDET
OPIP
OPIN
P177
P176
P175
P174
P173
P172
P171
P170
COM0
P157
COM1
P156
COM2
P155
COM3
P154
COM4
COM5
COM6
COM7
F1
FUSE
250V/0.25A
RV1
250V
D1
1N4148
2
1
D2
1N4148
2
1
R1
470K
J1
RJ11C
4
D3
1N4004
D4
1N4004
D5
1N4004
D6
1N4004
L1
100uH
L2
100uH
D7
1N4148
2
1
D8
1N4148
2
1
D9
1N4148
2
1
R2
33K
C5
104/250V
R9
430K
C2
104
D10
1N4148
2
1
D11
1N4148
2
1
D12
1N4148
2
1
D13
1N4148
2
1
D14
1N4148
2
1
D15
1N4148
2
1
D16
1N4148
2
1
R3
560K
R4
560K
R5
560K
R6
560K
R7
560K
C13
104
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
K11
K12
K13
K14
K15
K16
K17
K18
K19
K20
K21
K22
K23
K24
K25
K26
K27
K28
K29
K30
K31
K32
K33
K34
K35
C3
33p
C4
33p
Y1
32768
C6
104/250V
C7
472/250V
C8
472/250V
C11
103
C12
104
R10
430K
R11
34K
C10
0.22uF
R14
270K
R18
100K
R12
34K
C16
104
C9
104
R13
53.6K
R15
464K
C1
0.22uF
R8
270K
R17
60K
C17
104
C18
104
C19
104
U1
KB88A42
57
52
53
54
56
60
45
46
47
48
49
50
51
15
14
6
16
11
12
13
58
5
7
8
9
10
1
2
3
4
61
62
63
64
65
59
55
LV2
COM0
LC1
LC2
LV1
GND
COM7
COM6
COM5
COM4
COM3
COM2
COM1
S29/P155
S30/P156
S38/P176
S28/P154
S33/P171
S32/P170
S31/P157
LV3
S39/P177
S37/P175
S36/P174
S35/P173
S34/P172
CAP1
CAP2
RNGDI
RNGRC
OPIN
OPIP
OPO
FXO
FXI
LV4
LVF
HF88S05
C15
18p
C14
18p
Y2
3579545Hz
R16
60.4K
HF88S05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com