Electronic Components Datasheet Search
  English  ▼

X  

HF88S05 Datasheet(PDF) 11 Page - King blillion Electronics Co.,Ltd.

Part # HF88S05
Description  command mode SRAM device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88S05 Datasheet(HTML) 11 Page - King blillion Electronics Co.,Ltd.

Back Button HF88S05 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HF88S05
SRAM Series
December 18, 2003
11
V1.00
This specification is subject to change without notice. Please contact sales person for the latest version before use.
9. Absolute Maximum Rating
Items
Symbol
Rating
Condition
Supply Voltage
VDD
-0.3 to 4.0 V
Input Voltage
VIN
-0.3 to Vdd+0.3 V
Operating Temperature
TOPR
-0 to 70
°C
Storage Temperature
TSTR
-55 to 125
°C
10.AC Electrical Characteristics
VCC=3.0V
Unit
Item
Symbol
Min
Max
Chip Asserted Time
TAss
100
-
ns
Data Setup Time
TSetup
200
-
ns
Data Hold Time
THold
150
-
ns
Pre-charge Time
TCG
120
-
ns
Data Ready Time
TRD
250
-
ns
11.Electrical Characteristics
(VDD = 3.0 V, TOPR = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max
Unit
Condition
Supply Voltage
VDD
2.7
-
3.6
V
Operating Current
IDD
-
TBD
-
mA
No load
Standby Current
IDD
-
10
-
µA
No load
Input voltage
VIH
VIL
0.7
0
-
-
1
0.3
VDD
VDD = 4V ~ 6V
Input current leakage
IIL
-
-
+/- 10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com