Electronic Components Datasheet Search
  English  ▼

X  

LT8418 Datasheet(PDF) 32 Page - Analog Devices

Part # LT8418
Description  Low IQ, Dual, 2-Phase Synchronous Boost Controller for GaN FETs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8418 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT8418 Datasheet HTML 28Page - Analog Devices LT8418 Datasheet HTML 29Page - Analog Devices LT8418 Datasheet HTML 30Page - Analog Devices LT8418 Datasheet HTML 31Page - Analog Devices LT8418 Datasheet HTML 32Page - Analog Devices LT8418 Datasheet HTML 33Page - Analog Devices LT8418 Datasheet HTML 34Page - Analog Devices LT8418 Datasheet HTML 35Page - Analog Devices LT8418 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
Data Sheet
LTC7892
analog.com
Rev. 0
32 of 50
If one of the DTCx pins is programmed with a resistor, the other DTCx pin must be programmed with a resistor for
proper dead time control operation. Unexpected dead time delays can result if one DTCx pin is programmed with a
resistor while the other DTCx pin is tied to GND. The DTCx pins should only be connected to GND or a resistor tied to
GND.
Power FET Selection
Two external power FETs must be selected for each controller in the LTC7892: one N-channel FET for the bottom
(main) switch and one N-channel FET for the top (synchronous) switch. The peak-to-peak gate drive levels are set by
the INTVCC regulation point (4V to 5.5V). Most GaN FETs can be driven comfortably within this INTVCC regulation
window. If using silicon MOSFETs, logic-level threshold MOSFETs must be used in most applications. Pay close
attention to the BVDSS specification for the FETs as well.
Selection criteria for the power FETs include the on resistance (RDS(ON)), Miller capacitance (CMILLER), input voltage, and
maximum output current. CMILLER, can be approximated from the gate charge curve typically provided in the
datasheet of the FET manufacturer. CMILLER is equal to the increase in gate charge along the horizontal axis, while the
curve is approximately flat, divided by the specified change in the voltage difference between the drain and source
terminals of the FET (VDS). This result is then multiplied by the ratio of the application applied VDS to the gate charge
curve specified VDS. When the IC is operating in continuous mode, the duty cycles for the top and bottom FETs are
given by Equation 10 and Equation 11, as follows:
Main Switch Duty Cycle =
VOUT − VIN
VOUT
(10)
Synchronous Switch Duty Cycle =
VIN
VOUT
(11)
The FET power dissipation at maximum output current is given by Equation 12 and Equation 13, as follows:
PMAIN =
(VOUT−VIN)VOUT
V
IN2
(IOUT(MAX))
2• (1 + δ)R
DS(ON) + (
V
OUT3
VIN
) (
IOUT(MAX)
2
)
•
(RDR)(CMILLER) • ⌊
1
VINTVCC−VTHMIN
+
1
VTHMIN
⌋ (f)
(12)
PSYNC =
VOUT
VIN
(IOUT(MAX))
2
(1 + δ)RDS(ON)
(13)
where:
PMAIN is the power dissipation from the main switch
δ is the temperature dependency of RDS(ON) (δ ≈ 0.005/°C).
RDR is the effective driver resistance at the FET’s Miller threshold voltage (RDR ≈ 2Ω).
VINTVCC is the INTVCC voltage.
VTHMIN is the typical FET minimum threshold voltage.
PSYNC is the power dissipation from the synchronous switch.
Both FETs have I2R losses (I2R is the power loss equation of the FETs when on in steady state), whereas the main
N-channel equations include an additional term for transition losses, which are highest at low input voltages. For
high input voltages, the high current efficiency generally improves with larger FETs. However, for low input voltages,
the transition losses rapidly increase to the point that using a higher RDS(ON) device with lower CMILLER provides higher
efficiency. The synchronous FET losses are greatest at high input voltages when the bottom switch duty factor is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com