Electronic Components Datasheet Search
  English  ▼

X  

LT8418 Datasheet(PDF) 40 Page - Analog Devices

Part # LT8418
Description  Low IQ, Dual, 2-Phase Synchronous Boost Controller for GaN FETs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8418 Datasheet(HTML) 40 Page - Analog Devices

Back Button LT8418 Datasheet HTML 36Page - Analog Devices LT8418 Datasheet HTML 37Page - Analog Devices LT8418 Datasheet HTML 38Page - Analog Devices LT8418 Datasheet HTML 39Page - Analog Devices LT8418 Datasheet HTML 40Page - Analog Devices LT8418 Datasheet HTML 41Page - Analog Devices LT8418 Datasheet HTML 42Page - Analog Devices LT8418 Datasheet HTML 43Page - Analog Devices LT8418 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
Data Sheet
LTC7892
analog.com
Rev. 0
40 of 50
1. The VBIAS current is the DC supply current given in Table 1 (Electrical Characteristics table), which excludes
FET drivers and control currents. Other than at very light loads in Burst Mode operation, VBIAS current typically
results in a small (<0.1%) loss.
2. The INTVCC current is the sum of the FET driver and control currents. The FET driver current results from
switching the gate capacitance of the power FETs. Each time a FET gate is switched from low to high to low
again, a packet of charge (dQ) moves from INTVCC to GND. The resulting dQ/time duration (dt) is a current
out of INTVCC that is typically much larger than the control circuit current. In continuous mode, gate charge
current (IGATECHG) = frequency (f) x (QT + QB), where QT and QB are the gate charges of the top and bottom FETs.
3. I2R losses are predicted from the DC resistances of the input fuse (if used), FET, inductor, current sense
resistor, and input and output capacitor ESR. In continuous mode, the average output current flows through
L and RSENSE, but is chopped between the top and bottom FETs. If the two FETs have approximately the same
RDS(ON), the resistance of one FET can simply be summed with the resistances of L, RSENSE, and ESR to obtain
the I2R losses.
4. Transition losses apply only to the bottom FETs and become significant only when operating at higher
output voltages (typically 20V or greater) or at high frequency (MHz range). Transition losses can be
estimated using Equation 23, as follows:
TRANSITION LOSS = (1.7)
VOUT
3
VIN
IL(MAX) • CMILLER • f
(23)
where:
IL(MAX) is the maximum average inductor current.
CMILLER is the Miller capacitance.
f is the operating frequency.
Other hidden losses, such as copper trace and internal battery resistances, can account for an additional 5% to 10%
efficiency degradation in portable systems. It is very important to include these system-level losses during the design
phase. The internal battery and fuse resistance losses can be minimized by making sure that CIN has adequate charge
storage and very low ESR at the switching frequency. A 25W supply typically requires a minimum of 20μF to 40μF of
capacitance having a maximum of 20mΩ to 50mΩ of ESR. Other losses, including inductor core losses, generally
account for less than 2% of the total additional loss.
Checking Transient Response
To check the regulator loop response, look at the load current transient response. Switching regulators take several
cycles to respond to a step in DC (resistive) load current. When a load step occurs, VOUTx shifts by an amount equal to
ΔILOAD • (ESR), where ESR is the effective series resistance of COUT. ΔILOAD also begins to charge or discharge COUT,
generating the feedback error signal that forces the regulator to adapt to the current change and return VOUTx to its
steady-state value. During this recovery time VOUTx can be monitored for excessive overshooting or ringing, which
would indicate a stability problem.
OPTI-LOOP compensation allows the transient response to be optimized over a wide range of output capacitance
and ESR values. The availability of the ITHx pin not only allows optimization of control loop behavior but also
provides a DC-coupled and AC-filtered closed-loop response test point. The DC step, rise time, and settling at this
test point truly reflect the closed-loop response. Assuming a predominantly second-order system, the phase margin
and/or damping factor can be estimated using the percentage of overshoot seen at the ITHx pin. The bandwidth can
also be estimated by examining the rise time at the ITHx pin. The ITHx external components shown in the Typical
Applications section provide an adequate starting point for most applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com