Electronic Components Datasheet Search
  English  ▼

X  

LT8418 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8418
Description  Low IQ, Dual, 2-Phase Synchronous Boost Controller for GaN FETs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8418 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8418 Datasheet HTML 13Page - Analog Devices LT8418 Datasheet HTML 14Page - Analog Devices LT8418 Datasheet HTML 15Page - Analog Devices LT8418 Datasheet HTML 16Page - Analog Devices LT8418 Datasheet HTML 17Page - Analog Devices LT8418 Datasheet HTML 18Page - Analog Devices LT8418 Datasheet HTML 19Page - Analog Devices LT8418 Datasheet HTML 20Page - Analog Devices LT8418 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
Data Sheet
LTC7892
analog.com
Rev. 0
17 of 50
Figure 22. SSx Pull-Up Current vs. Temperature
Figure 23. RUNx Pin Threshold vs. Temperature
Figure 24. INTVCC Voltage vs. Load Current
Figure 25. INTVCC Voltage vs. Input Voltage
Figure 26. INTVCC Voltage vs. Temperature
Figure 27. UVLO Threshold vs. Temperature
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
10.0
10.5
11.0
11.5
12.0
12.5
13.0
RISING
FALLING
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0.9
1.0
1.1
1.2
1.3
1.4
DRVSET = INTVCC
DRVSET = GND
DRVUV = 0V
VIN = 12V
EXTVCC = 5V
EXTVCC = 0V or 12V
LOAD CURRENT (mA)
0
20
40
60
80
100
4.00
4.25
4.50
4.75
5.00
5.25
5.50
5.75
6.00
DRVSET = INTVcc
DRVSET = GND
EXTVcc = 0V
NO LOAD
INPUT VOLTAGE (V)
0
20
40
60
80
100
4.0
4.5
5.0
5.5
6.0
VIN = 12V, EXTVCC = 0V
DRVUV = 0V
DRVSET = INTVCC
DRVSET = GND
DRVSET = 64.9kΩ
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
4.50
4.75
5.00
5.25
5.50
5.75
6.00
RISING
FALLING
RISING
FALLING
RISING
FALLING
DRVUV = INTVcc
DRVUV = FLOATING
DRVUV = GND
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com