Electronic Components Datasheet Search
  English  ▼

X  

LT8418 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8418
Description  Low IQ, Dual, 2-Phase Synchronous Boost Controller for GaN FETs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8418 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8418 Datasheet HTML 16Page - Analog Devices LT8418 Datasheet HTML 17Page - Analog Devices LT8418 Datasheet HTML 18Page - Analog Devices LT8418 Datasheet HTML 19Page - Analog Devices LT8418 Datasheet HTML 20Page - Analog Devices LT8418 Datasheet HTML 21Page - Analog Devices LT8418 Datasheet HTML 22Page - Analog Devices LT8418 Datasheet HTML 23Page - Analog Devices LT8418 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
Data Sheet
LTC7892
analog.com
Rev. 0
20 of 50
THEORY OF OPERATION
Main Control Loop
The LTC7892 is a dual synchronous boost controller utilizing a constant frequency, peak current mode architecture.
The two controller channels operate 180° out of phase, which reduces the required input capacitance and power
supply-induced noise. During normal operation, the external bottom FET turns on when the clock sets the set/reset
(SR) latch, causing the inductor current to increase. The main switch is turned off when the main current comparator,
ICMP, resets the SR latch. After the bottom FET is turned off each cycle, the top FET is turned on, which causes the
inductor current to decrease until either the inductor current starts to reverse, as indicated by the current
comparator IR, or the beginning of the next clock cycle.
The peak inductor current at which ICMP trips and resets the latch is controlled by the voltage on the ITHx pin, which
is the output of the error amplifier. The error amplifier compares the output voltage feedback signal at the VFBx pin,
(which is generated with an external resistor divider connected across the output voltage, VOUTx, to GND) to the
internal 1.2V reference voltage. When the load current increases, it causes a slight decrease in VFBx relative to the
reference, which causes the error amplifier to increase the ITHx voltage until the average inductor current matches
the new load current.
Power and Bias Supplies (V
BIAS, EXTVCC, DRVCC, INTVCC)
The INTVCC pin supplies power for the top and bottom FET drivers and most of the internal circuitry. The supply for
the FET drivers is derived from the DRVCC pin, which must be tied to the INTVCCpin to supply power to the gate drivers.
LDOs (low dropout linear regulators) are available from the VBIAS and EXTVCC pins to provide power to INTVCC, which
can be programmed from 4V to 5.5V through control of the DRVSET pin. When the EXTVCC pin is tied to a voltage less
than its switchover voltage, the VBIAS LDO supplies power to INTVCC. If EXTVCCis taken more than its switchover voltage,
the VBIAS LDO regulator turns off, and the EXTVCC LDO is turned on. When enabled, the EXTVCC LDO regulator supplies
power to INTVCC. Using the EXTVCC pin allows the INTVCC power to be derived from a high-efficiency external source.
High Side Bootstrap Capacitor
Each top FET driver is biased from the floating bootstrap capacitor CB, which normally recharges through an internal
switch between BOOSTx and DRVCC whenever the bottom FET turns on. The internal switch becomes high impedance
whenever the bottom FET is off, which prevents the bootstrap capacitor from overcharging if SWx rings less than
GND during the dead times.
If the input voltage increases to a voltage close to a voltage close to its output, the loop can enter dropout and
attempt to turn on the top FET continuously. If the bottom FET is not turned on frequently enough to recharge the
bootstrap capacitor, the top FET may not be fully enhanced, or it may even be completely off when the controller
attempts to turn on the top FET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com