Electronic Components Datasheet Search
  English  ▼

X  

LT8418 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8418
Description  Low IQ, Dual, 2-Phase Synchronous Boost Controller for GaN FETs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8418 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8418 Datasheet HTML 12Page - Analog Devices LT8418 Datasheet HTML 13Page - Analog Devices LT8418 Datasheet HTML 14Page - Analog Devices LT8418 Datasheet HTML 15Page - Analog Devices LT8418 Datasheet HTML 16Page - Analog Devices LT8418 Datasheet HTML 17Page - Analog Devices LT8418 Datasheet HTML 18Page - Analog Devices LT8418 Datasheet HTML 19Page - Analog Devices LT8418 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
Data Sheet
LTC7892
analog.com
Rev. 0
16 of 50
Figure 16. SENSEx+ and SENSEx-Pin Input Bias Current vs
VSENSE Common-Mode Voltage
Figure 17. SENSEx– Pin Input Current vs. Temperature
Figure 18. Shutdown Current vs. Input Voltage
Figure 19. Shutdown Current vs Temperature
Figure 20. Quiescent Current vs Temperature
Figure 21. Oscillator Frequency vs. Temperature
SENSE1+
SENSE2+
SENSE1–, SENSE2–
SENSE1+
SENSE2+
VSENSE COMMON-MODE VOLTAGE (V)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
0
100
200
300
400
500
600
700
800
900
SENSE1+ < 3V
SENSE2+ = INTVcc + 0.5V
SENSE1+ = INTVcc – 0.5V
SENSE2+ = INTVcc – 0.5V
SENSE1+ = INTVcc + 0.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
800
900
+150°C
+125°C
+25°C
–40°C
INPUT VOLTAGE (V)
0
20
40
60
80
100
0
1
2
3
4
5
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0
1
2
3
4
5
VIN = 12V, DRVSET = 0V
BURST MODE OPERATION
BOTH CHANNELS ON
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0
10
20
30
40
50
VIN = 12V, DRVSET = 0V
FREQ = GND (370kHz)
FREQ = INTVCC (2.25MHz)
FREQ = 75kΩ (500kHz)
FREQ = 374kΩ (100kHz)
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
–3
–2
–1
0
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com