Electronic Components Datasheet Search
  English  ▼

X  

LT8418 Datasheet(PDF) 29 Page - Analog Devices

Part # LT8418
Description  Low IQ, Dual, 2-Phase Synchronous Boost Controller for GaN FETs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8418 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT8418 Datasheet HTML 25Page - Analog Devices LT8418 Datasheet HTML 26Page - Analog Devices LT8418 Datasheet HTML 27Page - Analog Devices LT8418 Datasheet HTML 28Page - Analog Devices LT8418 Datasheet HTML 29Page - Analog Devices LT8418 Datasheet HTML 30Page - Analog Devices LT8418 Datasheet HTML 31Page - Analog Devices LT8418 Datasheet HTML 32Page - Analog Devices LT8418 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
Data Sheet
LTC7892
analog.com
Rev. 0
29 of 50
Figure 39. Relationship between Maximum Duty Cycle and Operating Frequency
A further constraint on the operating frequency is the maximum duty cycle of the boost converter. The maximum
duty cycle (DCMAX) is limited, as shown in Figure 39, and can be approximated as DCMAX = (1 – VIN(MIN)/VOUT) • 100%. If the
duty cycle is greater than DCMAX, the output can lose regulation and may not maintain the constant frequency
operation. An operation frequency should be selected so that the boost converter duty cycle is less than DCMAX.
To improve EMI performance, spread spectrum mode can optionally be selected by tying the PLLIN/SPREAD pin to
INTVCC. When the spread spectrum mode is enabled, the switching frequency modulates within the frequency
selected by the FREQ pin and is +20%. Spread spectrum mode may be used in any operating mode selected by the
MODE pin (Burst Mode, PS mode, or FCM).
A PLL is also available on the LTC7892 to synchronize the internal oscillator to an external clock source connected to
the PLLIN/SPREAD pin. After the PLL locks, the BGxx1 is synchronized to the rising edge of the external clock signal,
and BGxx2 is 180° out of phase from BGxx1. See the Phase-Locked Loop and Frequency Synchronization section for
more details.
Selecting the Light-Load Operating Mode
The LTC7892 can be set to enter high-efficiency Burst Mode operation, constant frequency PS mode, or forced
continuous conduction mode at light load currents. To select the Burst Mode operation, tie the MODE pin to GND. To
select forced continuous operation, tie the MODE pin to INTVCC. To select PS mode, tie the MODE pin to INTVCC through
a 100kΩ resistor. An internal 100kΩ resistor from the MODE pin to the ground selects Burst Mode if the pin is floating.
When synchronized to an external clock through the PLLIN/SPREAD pin, the LTC7892 operates in PS mode if it is
selected. Otherwise, the LTC7892 operates in FCM. Table 5 summarizes the use of the MODE pin to select the light
load operating mode.
Table 5. Using the MODE Pin to Select Light Load Operating Mode
MODE PIN
LIGHT-LOAD OPERATING MODE
MODE WHEN SYNCHRONIZED
0V or Floating
Burst Mode
FCM
100kΩ to INTVCC
PS Mode
PS Mode
INTVCC
FCM
FCM
77.5% AT 2.25MHz
FREQUENCY (MHz)
0.1
1
3
65
70
75
80
85
90
95
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com