Electronic Components Datasheet Search
  English  ▼

X  

LT8418 Datasheet(PDF) 23 Page - Analog Devices

Part # LT8418
Description  Low IQ, Dual, 2-Phase Synchronous Boost Controller for GaN FETs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8418 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT8418 Datasheet HTML 19Page - Analog Devices LT8418 Datasheet HTML 20Page - Analog Devices LT8418 Datasheet HTML 21Page - Analog Devices LT8418 Datasheet HTML 22Page - Analog Devices LT8418 Datasheet HTML 23Page - Analog Devices LT8418 Datasheet HTML 24Page - Analog Devices LT8418 Datasheet HTML 25Page - Analog Devices LT8418 Datasheet HTML 26Page - Analog Devices LT8418 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
Data Sheet
LTC7892
analog.com
Rev. 0
23 of 50
edge of the synchronizing signal. The turn-on of the external bottom FET for Channel 2 is 180° out-of-phase to the
rising edge of the external clock source.
The PLL frequency is prebiased to the free running frequency set by the FREQ pin before the external clock is applied.
If prebiased near the external clock frequency, the PLL only needs to make slight changes to synchronize the rising
edge of the external clock to the rising edge of BG1. For a more rapid lock-in to the external clock, use the FREQ pin
to set the internal oscillator to approximately the frequency of the external clock. The PLL of the LTC7892 is
guaranteed to lock to an external clock source whose frequency is between 100kHz and 3MHz.
The PLLIN/SPREAD pin is Transistor-transistor logic (TTL) compatible with thresholds of 1.6V (rising) and 1.1V (falling)
and is guaranteed to operate with a clock signal swing of 0.5V to 2.2V.
Output Overvoltage Protection
The LTC7892 has an overvoltage comparator for each channel that guards against transient overshoots and other
more serious conditions that can cause output overvoltage. When the VFBx pin rises more than 10% above its
regulation point of 1.2V, the bottom FET is turned off, and the inductor current is not allowed to reverse.
Power Good
The LTC7892 has a PGOODx pin for each channel that is connected to an open drain of an internal N-channel MOSFET.
The MOSFET turns on and pulls the PGOODx pin low when the VFBx voltage is not within ±10% of the 1.2V reference.
The PGOODx pin is also pulled low when the RUNx pin is low (shut down). When the VFBx voltage is within the ±10%
requirement, the MOSFET is turned off, and the PGOODx pin is allowed to be pulled up by an external resistor to a
source no greater than 6V, such as INTVCC.
When LTC7892 is operated in a 2-phase single output configuration, the output voltage is sensed by the VFB1 pin only.
The PGOOD1 pin is pulled low when the VFB1 voltage is not within ±10% of the 1.2V reference. The PGOOD2 should be
left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com